Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AFB0624VHC-F00 Datasheet (PDF) - Delta Electronics, Inc.

AFB0624VHC-F00 Datasheet PDF - Delta Electronics, Inc.
No. de pieza AFB0624VHC-F00
Descarga  AFB0624VHC-F00 Descarga

Tamaño del archivo   777.35 Kbytes
Page   9 Pages
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Descripción Electrónicos PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PREARRANGMENT.

AFB0624VHC-F00 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AFB0624VHC-F00 Datasheet PDF - Delta Electronics, Inc.

No. de pieza AFB0624VHC-F00
Descarga  AFB0624VHC-F00 Click to download

Tamaño del archivo   777.35 Kbytes
Page   9 Pages
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Descripción Electrónicos PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PREARRANGMENT.

AFB0624VHC-F00 Datasheet (HTML) - Delta Electronics, Inc.

AFB0624VHC-F00 Datasheet HTML 1Page - Delta Electronics, Inc. AFB0624VHC-F00 Datasheet HTML 2Page - Delta Electronics, Inc. AFB0624VHC-F00 Datasheet HTML 3Page - Delta Electronics, Inc. AFB0624VHC-F00 Datasheet HTML 4Page - Delta Electronics, Inc. AFB0624VHC-F00 Datasheet HTML 5Page - Delta Electronics, Inc. AFB0624VHC-F00 Datasheet HTML 6Page - Delta Electronics, Inc. AFB0624VHC-F00 Datasheet HTML 7Page - Delta Electronics, Inc. AFB0624VHC-F00 Datasheet HTML 8Page - Delta Electronics, Inc. AFB0624VHC-F00 Datasheet HTML 9Page - Delta Electronics, Inc.

AFB0624VHC-F00 Detalles de producto

AFB 60 x 60 x 13 MM SERIES

* Bearing Type
    Ball Bearings
* Material
    Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
    UL 2468 AWG #28 OR Equivalent
    Red Wire Positive (+)
    Black Wire Negative (-)
* Weight : 33.5g (1.18 oz)
* Rib Type Only




Número de pieza similar - AFB0624VHC-F00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
AFB0624VHC DELTA-AFB0624VHC Datasheet
181Kb / 1P
   60 x 60 x 13 MM SERIES
More results


Descripción similar - AFB0624VHC-F00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
PFR0812XHE DELTA-PFR0812XHE Datasheet
723Kb / 8P
   PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PREARRANGMENT.
AFB0624VHD-F00 DELTA-AFB0624VHD-F00 Datasheet
752Kb / 9P
   PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PREARRANGMENT.
AFB0624VHD-AR00 DELTA-AFB0624VHD-AR00 Datasheet
732Kb / 9P
   PLEASE SEND ONE COPY OF THIS SPECIFICAITON BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PREARRANGMENT.
AFB0612SH-TA50 DELTA-AFB0612SH-TA50 Datasheet
774Kb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412VHA-DU48 DELTA-AFB0412VHA-DU48 Datasheet
604Kb / 10P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0512VHD-TZW4 DELTA-AFB0512VHD-TZW4 Datasheet
686Kb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0524VHD-TZW5 DELTA-AFB0524VHD-TZW5 Datasheet
691Kb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0412HA-AR00 DELTA-AFB0412HA-AR00 Datasheet
864Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0605MB DELTA-AFB0605MB Datasheet
1Mb / 8P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0624HHD-F00 DELTA-AFB0624HHD-F00 Datasheet
756Kb / 9P
   PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
More results




Acerca de Delta Electronics, Inc.


Delta Electronics, Inc. es una compañía de electrónica multinacional taiwanesa que fue fundada en 1971.
La compañía se especializa en energía electrónica de energía y soluciones de gestión de energía, que incluyen alimentos ininterrumpidos (UPS), reguladores de voltaje, inversores de energía, ventiladores DC sin escobillas y soluciones de energía renovable como inversores solares.
Delta Electronics opera a nivel mundial con una fuerte presencia en Asia, Europa y América del Norte.
La compañía proporciona soluciones para diversas industrias, incluidas las telecomunicaciones, centros de datos, automatización de edificios y energía renovable.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com