Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si4731-D60-GU2 Datasheet (PDF) - Silicon Laboratories

Si4731-D60-GU2 Datasheet PDF - Silicon Laboratories
No. de pieza Si4731-D60-GU2
Descarga  Si4731-D60-GU2 Descarga

Tamaño del archivo   1733.17 Kbytes
Page   42 Pages
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Descripción Electrónicos BROADCAST AM/FM/SW/LW RADIO RECEIVER

Si4731-D60-GU2 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
Si4731-D60-GU2 Datasheet PDF - Silicon Laboratories

No. de pieza Si4731-D60-GU2
Descarga  Si4731-D60-GU2 Click to download

Tamaño del archivo   1733.17 Kbytes
Page   42 Pages
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Descripción Electrónicos BROADCAST AM/FM/SW/LW RADIO RECEIVER

Si4731-D60-GU2 Datasheet (HTML) - Silicon Laboratories

Back Button Si4731-D60-GU2 Datasheet HTML 1Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 2Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 3Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 4Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 5Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 6Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 7Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 8Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 9Page - Silicon Laboratories Si4731-D60-GU2 Datasheet HTML 10Page - Silicon Laboratories Next Button 

Si4731-D60-GU2 Detalles de producto

Description

The Si473x-D60 digital CMOS AM/FM radio receiver IC integrates the complete tuner function from antenna input to digital audio output and includes a stereo audio AUXIN ADC input for converting analog audio into standard I2S digital audio, enabling a cost efficient digital audio platform for consumer electronic applications with high TDMA noise immunity, superior radio performance, and high fidelity audio power amplification. When enabling the analog inputs in stereo AUXIN ADC-mode, the Si473x-D60 supports I2S digital audio output only (no analog output).



Features

■ Worldwide FM band support (64–108 MHz)

■ Worldwide AM band support (520–1710 kHz)

■ SW band support (Si4734/35) (2.3–26.1 MHz)

■ LW band support (Si4734/35) (153–279 kHz)

■ Excellent real-world performance

■ Integrated VCO

■ Advanced AM/FM seek tuning

■ Automatic frequency control (AFC)

■ Automatic gain control (AGC)

■ Digital FM stereo decoder

■ Programmable de-emphasis

■ Advanced Audio Processing

■ Multiplexed stereo audio AUXIN ADC with 85 dB dynamic range

■ Seven selectable AM channel filters

■ AM/FM/SW/LW digital tuning

■ EN55020 compliant

■ No manual alignment necessary

■ Programmable reference clock

■ Adjustable soft mute control

■ RDS/RBDS processor (Si4731/35)

■ Digital audio out

■ 2-wire and 3-wire control interface

■ Integrated LDO regulator

■ Wide range of ferrite loop sticks and air loop antennas supported

■ QFN and SSOP packages

   • RoHS compliant



Applications

■ Table and portable radios

■ Mini/micro systems

■ CD/DVD and Blu-ray players

■ Stereo boom boxes

■ Modules for consumer electronics

■ Clock radios

■ Mini HiFi and docking stations

■ Entertainment systems



 




Número de pieza similar - Si4731-D60-GU2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si4731-D60-GU2 SILABS-Si4731-D60-GU2 Datasheet
389Kb / 44P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
More results


Descripción similar - Si4731-D60-GU2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
logo
Silicon Laboratories
SI4730-D60-GMR SILABS-SI4730-D60-GMR Datasheet
389Kb / 44P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com