Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

V20200C-E3 Datasheet (PDF) - Vishay Siliconix

V20200C-E3 Datasheet PDF - Vishay Siliconix
No. de pieza V20200C-E3
Descarga  V20200C-E3 Descarga

Tamaño del archivo   155.83 Kbytes
Page   6 Pages
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Descripción Electrónicos Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A

V20200C-E3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
V20200C-E3 Datasheet PDF - Vishay Siliconix

No. de pieza V20200C-E3
Descarga  V20200C-E3 Click to download

Tamaño del archivo   155.83 Kbytes
Page   6 Pages
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Descripción Electrónicos Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A

V20200C-E3 Datasheet (HTML) - Vishay Siliconix

V20200C-E3 Datasheet HTML 1Page - Vishay Siliconix V20200C-E3 Datasheet HTML 2Page - Vishay Siliconix V20200C-E3 Datasheet HTML 3Page - Vishay Siliconix V20200C-E3 Datasheet HTML 4Page - Vishay Siliconix V20200C-E3 Datasheet HTML 5Page - Vishay Siliconix V20200C-E3 Datasheet HTML 6Page - Vishay Siliconix

V20200C-E3 Detalles de producto

Ultra Low VF = 0.60 V at IF = 5 A



FEATURES

• Trench MOS Schottky technology

• Low forward voltage drop, low power losses

• High efficiency operation

• Low thermal resistance

• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)

• Solder bath temperature 275 °C maximum, 10 s, per JESD 22-B106 (for TO-220AB, ITO-220AB and TO-262AA package)

• Compliant to RoHS directive 2002/95/EC and in accordance to WEEE 2002/96/EC




Número de pieza similar - V20200C-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
V20200C-E3 VISHAY-V20200C-E3 Datasheet
214Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
V20200C-E3-4W VISHAY-V20200C-E3-4W Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20200C-E3/4W VISHAY-V20200C-E3/4W Datasheet
166Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A
Revision: 19-May-08
V20200C-E3 VISHAY-V20200C-E3_V01 Datasheet
214Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results


Descripción similar - V20200C-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
V20200C VISHAY-V20200C Datasheet
166Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A
Revision: 19-May-08
VF20100R VISHAY-VF20100R_15 Datasheet
83Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.54 V at IF = 5 A
Revision: 17-Aug-15
V40D120C-M3 VISHAY-V40D120C-M3 Datasheet
109Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 06-Feb-15
V60M120C-M3 VISHAY-V60M120C-M3 Datasheet
129Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.43 V at IF = 5 A
Revision: 10-May-16
V40150C-E3 VISHAY-V40150C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.55 V at IF = 5 A
Revision: 13-Dec-16
V60100C-M3 VISHAY-V60100C-M3 Datasheet
136Kb / 4P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.36 V at IF = 5 A
Revision: 11-May-16
VT60L45PW VISHAY-VT60L45PW Datasheet
96Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.24 V at IF = 5 A
Revision: 08-Jan-14
V30M120C VISHAY-V30M120C Datasheet
144Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 17-Nov-16
V20100C-E3 VISHAY-V20100C-E3 Datasheet
167Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 13-Dec-16
V30200C VISHAY-V30200C Datasheet
158Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.526 V at IF = 5 A
Revision: 31-Jul-08
More results




Acerca de Vishay Siliconix


Vishay Siliconix es una subsidiaria de Vishay Intertechnology, un fabricante global de componentes electrónicos pasivos.
Vishay Siliconix se especializa en el diseño, la fabricación y la comercialización de MOSFET de potencia, IGBTS y otros semiconductores de poder.
La compañía fue fundada en 1962 y tiene su sede en Santa Clara, California.
Vishay Siliconix proporciona soluciones de energía para una variedad de aplicaciones, incluidos sistemas de energía renovable, equipos industriales, informática y telecomunicaciones, y electrónica automotriz.
Los productos de la compañía están diseñados para alta eficiencia, bajo consumo de energía y alta confiabilidad, y se fabrican en instalaciones de última generación utilizando procesos de fabricación avanzados.
Con un enfoque en la innovación y la satisfacción del cliente, Vishay Siliconix se compromete a proporcionar a sus clientes las mejores soluciones de gestión de energía para satisfacer sus necesidades.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com