Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MM1332 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1332 Datasheet PDF - Mitsumi Electronics, Corp.
No. de pieza MM1332
Descarga  MM1332 Descarga

Tamaño del archivo   93.14 Kbytes
Page   4 Pages
Fabricante Electrónico  MITSUMI [Mitsumi Electronics, Corp.]
Página de inicio  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Descripción Electrónicos Control of Lithium Ion Batteries Charging

MM1332 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MM1332 Datasheet PDF - Mitsumi Electronics, Corp.

No. de pieza MM1332
Descarga  MM1332 Click to download

Tamaño del archivo   93.14 Kbytes
Page   4 Pages
Fabricante Electrónico  MITSUMI [Mitsumi Electronics, Corp.]
Página de inicio  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Descripción Electrónicos Control of Lithium Ion Batteries Charging

MM1332 Datasheet (HTML) - Mitsumi Electronics, Corp.

MM1332 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1332 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1332 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1332 Datasheet HTML 4Page - Mitsumi Electronics, Corp.

MM1332 Detalles de producto

Outline
This IC is a high precision constant voltage constant current power source controller for lithium ion batteries serving as power drivers for P-MOS FET. It was developed for use with one to three cell chargers, and the constant current value can be set freely with external resistance. It has a built-in amplifier for detecting low battery voltage. Using this IC enables the easy addition of a lithium ion battery charging function to conventional battery-charging devices.

Features
1. Output voltage (Ta=-20°C+~70°C) 3Cell : 12.3V/12.6V±150mV
                                                            2Cell : 8.2V/8.4V±100mV
                                                            1Cell : 4.1V/4.2V±50mV
2. Current consumption 250µA typ.
3. Constant current output set by external resistance
    Current limit (reference voltage) 0.1V=external resistance current value
4. Low voltage detection function (LV) 2.0V/cell

Applications
1. For charging lithium ion batteries
2. High-precision
    Stable power sources for all types of equipment




Número de pieza similar - MM1332

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
MM1331 MITSUMI-MM1331 Datasheet
89Kb / 4P
   Step-Up DC/DC Converter(VFF)
MM1336 MITSUMI-MM1336 Datasheet
88Kb / 3P
   IC for Headphone Stereos (with volume-limiting circuit) Monolithic IC MM1336
More results


Descripción similar - MM1332

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsumi Electronics, Co...
MM1433 MITSUMI-MM1433 Datasheet
343Kb / 14P
   IC for Control of Lithium-ion Batteries Charging
MM1357 MITSUMI-MM1357 Datasheet
149Kb / 6P
   Control of Lithium Ion Batteries Monolithic IC
MM1414 MITSUMI-MM1414 Datasheet
243Kb / 9P
   Protection of Lithium Ion Batteries
MM1214 MITSUMI-MM1214 Datasheet
105Kb / 4P
   Control of Lithium Ion Battery Charging and Discharging
MM1248 MITSUMI-MM1248 Datasheet
210Kb / 8P
   Control of Lithium Ion Battery Charging and Discharging
MM1438 MITSUMI-MM1438 Datasheet
142Kb / 7P
   IC for Control of Lithium-ion Betteries Charging
logo
Panasonic Battery Group
CGR26650A PANASONICBATTERY-CGR26650A Datasheet
60Kb / 1P
   Lithium ion batteries
February 2010
logo
Mitsumi Electronics, Co...
MM1412 MITSUMI-MM1412 Datasheet
170Kb / 7P
   Protection of Lithium-Ion Batteries Monolithic IC
MM1291AF MITSUMI-MM1291AF Datasheet
172Kb / 7P
   Protection of Lithium Ion Batteries (one cell)
logo
Toshiba Semiconductor
TPCF8004 TOSHIBA-TPCF8004 Datasheet
234Kb / 9P
   Lithium-Ion Secondary Batteries
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com