Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145750 Datasheet (PDF) - Motorola, Inc

MC145750 Datasheet PDF - Motorola, Inc
No. de pieza MC145750
Descarga  MC145750 Descarga

Tamaño del archivo   299.4 Kbytes
Page   12 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos QPSK Encoder

MC145750 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC145750 Datasheet PDF - Motorola, Inc

No. de pieza MC145750
Descarga  MC145750 Click to download

Tamaño del archivo   299.4 Kbytes
Page   12 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos QPSK Encoder

MC145750 Datasheet (HTML) - Motorola, Inc

Back Button MC145750 Datasheet HTML 1Page - Motorola, Inc MC145750 Datasheet HTML 2Page - Motorola, Inc MC145750 Datasheet HTML 3Page - Motorola, Inc MC145750 Datasheet HTML 4Page - Motorola, Inc MC145750 Datasheet HTML 5Page - Motorola, Inc MC145750 Datasheet HTML 6Page - Motorola, Inc MC145750 Datasheet HTML 7Page - Motorola, Inc MC145750 Datasheet HTML 8Page - Motorola, Inc MC145750 Datasheet HTML 9Page - Motorola, Inc MC145750 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC145750 Detalles de producto

QPSK Encoder

The MC145750 is a silicon gate HCMOS device designed to encode π/4–shift
QPSK baseband signals. The device contains two 10–bit DACs for the I/Q signal, Root–Nyquist digital filtering, and burst rising and falling edge processing for digital RF communication equipment. Primary applications for this device are in products that will be used in PHS (384 kbps) and PDC (42 kbps). It will perform up to 800 kbps data rate. It also contains PN511 random pattern generator and timing generator with PLL.

• Root–Nyquist Digital Filtering (Coefficient = 0.5)
• Burst Edge Processing Circuitry (Ramp–Up and –Down)
• Two 10–Bit DACs for I/Q Output
• Operating Voltage Range: 2.7 to 5.5 V
• PN511 Random Pattern Generator
• Conformance to RCR Standard for PHS, PDC
• Variable Data Transmission Rate up to 800 kbps (VDD = 5 V)
• Timing Generator with PLL
• QPSK Mode, Burst, and Continuous I/Q Signal Output is Performed
• Companion Device is MRFIC0001




Número de pieza similar - MC145750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC145705 MOTOROLA-MC145705 Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
MC145705DW MOTOROLA-MC145705DW Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
MC145705P MOTOROLA-MC145705P Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
MC145706DW MOTOROLA-MC145706DW Datasheet
232Kb / 12P
   5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE
More results


Descripción similar - MC145750

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA8050A PHILIPS-TDA8050A Datasheet
125Kb / 28P
   QPSK transmitter
1999 Nov 05
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
   QPSK Modulator
logo
NXP Semiconductors
TDA8051 PHILIPS-TDA8051 Datasheet
131Kb / 24P
   QPSK receiver
1999 Aug 20
logo
Mini-Circuits
ZMQ-1050 MINI-ZMQ-1050 Datasheet
206Kb / 1P
   QPSK Modulator
QMC-1050 MINI-QMC-1050 Datasheet
186Kb / 1P
   QPSK Modulator
REV. OR
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
   Digital QPSK Demodulator
Jul 2004
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307 Datasheet
48Kb / 8P
   Burst QPSK Modulator
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
   Digital QPSK Demodulator
logo
Skyworks Solutions Inc.
SKY77737 SKYWORKS-SKY77737 Datasheet
98Kb / 2P
   QPSK, 16QAM modulations
logo
Intersil Corporation
HSP50307 INTERSIL-HSP50307_00 Datasheet
236Kb / 9P
   Burst QPSK Modulator
More results




Acerca de Motorola, Inc


Motorola, Inc. era una compañía de telecomunicaciones multinacional estadounidense que fue fundada en 1928. Tenía su sede en Schaumburg, Illinois y fue uno de los mayores proveedores de teléfonos móviles, equipos de telecomunicaciones y semiconductores. A lo largo de su historia, Motorola fue conocida por su innovación en el campo de las telecomunicaciones, incluido el desarrollo del primer teléfono celular disponible comercialmente, el Dynatac y el primer buscapersonas de dos vías del mundo, el Pageboy.

En 2011, Motorola se dividió en dos compañías separadas: Motorola Mobility y Motorola Solutions. Google luego adquirió la movilidad de Motorola en Google en 2012, y ahora es una subsidiaria de Lenovo. Motorola Solutions se centra en la seguridad pública y las soluciones de comunicación comercial e industrial. La compañía proporciona una amplia gama de productos que incluyen radios bidireccionales, dispositivos de computación móvil y equipos de infraestructura de red.

Motorola fue uno de los pioneros de la industria de los teléfonos móviles y tiene una rica historia de innovación y avances tecnológicos. El legado de la compañía continúa a través de sus subsidiarias y sus tecnología y productos continúan utilizándose en todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com