Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Rohm |
2SC5916
|
45Kb / 4P |
Medium power transistor (30V, 2A)
|
2SA2113
|
44Kb / 4P |
Medium power transistor (-30V, -2A)
|
2SCR512P
|
243Kb / 5P |
Midium Power Transistors (30V / 2A)
|
2SC5875
|
98Kb / 4P |
Power transistor (30V, 2A)
|
2SCR512PFRA
|
1Mb / 8P |
Middle Power Transistor (30V / 2A)
|
2SAR512PFRA
|
1Mb / 8P |
Middle Power Transistor(-30V/-2A)
|
2SA2094
|
99Kb / 4P |
Medium power transistor (-60V, -2A)
|
2SD2391
|
73Kb / 4P |
Medium Power Transistor ( 60V, 2A)
|
2SD2391T100Q
|
105Kb / 3P |
Medium Power Transistor (60V, 2A)
|
2SD1766
|
107Kb / 4P |
Medium Power Transistor (32V, 2A)
|