Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDK5101F Datasheet (PDF) - Infineon Technologies AG

TDK5101F Datasheet PDF - Infineon Technologies AG
No. de pieza TDK5101F
Descarga  TDK5101F Descarga

Tamaño del archivo   498.39 Kbytes
Page   34 Pages
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Descripción Electrónicos 315 MHz ASK/FSK Transmitter in 10-pin Package

TDK5101F Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TDK5101F Datasheet PDF - Infineon Technologies AG

No. de pieza TDK5101F
Descarga  TDK5101F Click to download

Tamaño del archivo   498.39 Kbytes
Page   34 Pages
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Descripción Electrónicos 315 MHz ASK/FSK Transmitter in 10-pin Package

TDK5101F Datasheet (HTML) - Infineon Technologies AG

Back Button TDK5101F Datasheet HTML 1Page - Infineon Technologies AG TDK5101F Datasheet HTML 2Page - Infineon Technologies AG TDK5101F Datasheet HTML 3Page - Infineon Technologies AG TDK5101F Datasheet HTML 4Page - Infineon Technologies AG TDK5101F Datasheet HTML 5Page - Infineon Technologies AG TDK5101F Datasheet HTML 6Page - Infineon Technologies AG TDK5101F Datasheet HTML 7Page - Infineon Technologies AG TDK5101F Datasheet HTML 8Page - Infineon Technologies AG TDK5101F Datasheet HTML 9Page - Infineon Technologies AG TDK5101F Datasheet HTML 10Page - Infineon Technologies AG Next Button 

TDK5101F Detalles de producto

Overview
The TDK 5101 F is a single chip ASK/FSK transmitter for operation in the frequency band 311-317 MHz. The IC offers a high level of integration and needs only a few external components. The device contains a fully integrated PLL synthesizer and a high efficiency power amplifier to drive a loop antenna. A special circuit design and an unique power amplifier design are used to save current consumption and therefore to save battery life. Additional features are a power down mode and a divided clock output.

Features
• fully integrated frequency synthesizer
• VCO without external components
• ASK and FSK modulation
• frequency range 311-317 MHz
• high efficiency power amplifier (typically 5 dBm)
• low supply current
• voltage supply range 2.1 ... 4 V
• temperature range −40 ... +125°C
• power down mode
• crystal oscillator 9.84 MHz
• FSK-switch
• divided clock output for µC
• low external component count

Application
• Tire pressure monitoring systems
• Keyless entry systems
• Remote control systems
• Alarm systems
• Communication systems




Número de pieza similar - TDK5101F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDK5101F INFINEON-TDK5101F Datasheet
1Mb / 40P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
More results


Descripción similar - TDK5101F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
   315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5116F INFINEON-TDK5116F Datasheet
752Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2006
TDA7100 INFINEON-TDA7100 Datasheet
1Mb / 41P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
TDK5110F INFINEON-TDK5110F Datasheet
756Kb / 36P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
TDA7116F INFINEON-TDA7116F Datasheet
731Kb / 36P
   868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, March 2009
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
   434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5100F INFINEON-TDK5100F_08 Datasheet
1Mb / 39P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
   ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
More results




Acerca de Infineon Technologies AG


Infineon Technologies es un fabricante líder de semiconductores globales que se especializa en proporcionar soluciones de gestión de energía, seguridad y control para una variedad de industrias como sistemas automotrices, industriales y de comunicación.
La compañía fue fundada en 1999 y tiene su sede en Neubiberg, Alemania.
Infineon ofrece una amplia gama de productos que incluyen microcontroladores, semiconductores de energía, sensores y otros circuitos integrados.
La compañía tiene una fuerte presencia en el mercado global, con operaciones e instalaciones en varios países de todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com