Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MSS40-800 Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MSS40-800 Datasheet PDF - Kersemi Electronic Co., Ltd.
No. de pieza MSS40-800
Descarga  MSS40-800 Descarga

Tamaño del archivo   459.35 Kbytes
Page   5 Pages
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Descripción Electrónicos BACK TO BACK SCR MODULE

MSS40-800 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MSS40-800 Datasheet PDF - Kersemi Electronic Co., Ltd.

No. de pieza MSS40-800
Descarga  MSS40-800 Click to download

Tamaño del archivo   459.35 Kbytes
Page   5 Pages
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Descripción Electrónicos BACK TO BACK SCR MODULE

MSS40-800 Datasheet (HTML) - Kersemi Electronic Co., Ltd.

MSS40-800 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MSS40-800 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MSS40-800 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MSS40-800 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MSS40-800 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.

MSS40-800 Detalles de producto

DESCRIPTION
Packaged in ISOTOP modules, the MSS40 / MSS50 Series is based on two back-to-back SCR configurations, providing high noise immunity.
They are suitable for high power applications such as solid state relays, heating control systems, welding equipment, motor control circuits...
The compactness of the ISOTOP package allows high power density and optimized power bus connections. Thanks to their internal ceramic pad, they provide high voltage insulation (2500V RMS), complying with UL standards (File ref: E81734).

MAIN FEATURES:
• IT(RMS) : 55 and 70 A
• VDRM/VRRM : 800 and 1200 V
• IGT : 50 mA



Número de pieza similar - MSS40-800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
STMicroelectronics
STMicroelectronics
MSS40-800 STMICROELECTRONICS-MSS40-800 Datasheet
150Kb / 5P
   BACK TO BACK SCR MODULE
Comset Semiconductor
Comset Semiconductor
MSS40-800 COMSET-MSS40-800 Datasheet
126Kb / 4P
   BACK TO BACK SCR MODULE
More results

Descripción similar - MSS40-800

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
STMicroelectronics
STMicroelectronics
MSS40 STMICROELECTRONICS-MSS40 Datasheet
150Kb / 5P
   BACK TO BACK SCR MODULE
SS-401 STMICROELECTRONICS-SS-401 Datasheet
119Kb / 7P
   Back to back SCR module
Comset Semiconductor
Comset Semiconductor
MSS40 COMSET-MSS40 Datasheet
126Kb / 4P
   BACK TO BACK SCR MODULE
Nell Semiconductor Co., Ltd
Nell Semiconductor Co.,...
NST70KQ NELLSEMI-NST70KQ Datasheet
688Kb / 5P
   Back to Back SCR Module
Infineon Technologies AG
Infineon Technologies A...
AUIR3241S INFINEON-AUIR3241S Datasheet
807Kb / 19P
   high side Mosfet driver for back to back topology targeting back to back switch
Rev 1.01 2017-09-12
NXP Semiconductors
NXP Semiconductors
BZB100A NXP-BZB100A Datasheet
61Kb / 10P
   Dual back-to-back Zener diode
Rev. 01-28 January 2008
Glenair, Inc.
Glenair, Inc.
805-112 GLENAIR-805-112 Datasheet
252Kb / 1P
   Mighty Mouse High-Speed Back?뱓o?밄ack
805-114 GLENAIR-805-114 Datasheet
227Kb / 1P
   Mighty Mouse High-Speed Back-to-Back
891-005 GLENAIR-891-005_15 Datasheet
970Kb / 2P
   Dual Row Nano Back-to-Back Connector
891-005 GLENAIR-891-005 Datasheet
205Kb / 2P
   Nanominiature Connectors Double Row Back-To-Back
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com