Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AZV3001FZ4-7 Datasheet (PDF) - Diodes Incorporated

AZV3001FZ4-7 Datasheet PDF - Diodes Incorporated
No. de pieza AZV3001FZ4-7
Descarga  AZV3001FZ4-7 Descarga

Tamaño del archivo   653.56 Kbytes
Page   11 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos Single/Dual Channel Low Voltage Push-Pull Output Comparators

AZV3001FZ4-7 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AZV3001FZ4-7 Datasheet PDF - Diodes Incorporated

No. de pieza AZV3001FZ4-7
Descarga  AZV3001FZ4-7 Click to download

Tamaño del archivo   653.56 Kbytes
Page   11 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos Single/Dual Channel Low Voltage Push-Pull Output Comparators

AZV3001FZ4-7 Datasheet (HTML) - Diodes Incorporated

Back Button AZV3001FZ4-7 Datasheet HTML 1Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 2Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 3Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 4Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 5Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 6Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 7Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 8Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 9Page - Diodes Incorporated AZV3001FZ4-7 Datasheet HTML 10Page - Diodes Incorporated Next Button 

AZV3001FZ4-7 Detalles de producto

Description
AZV3001 and AZV3002 are single and dual channel comparators developed for new generation low-power comparator families for battery-powered devices and systems requiring low voltage operation.
The supply current each comparator typically consumes is 6µA to extend battery life. It is guaranteed to operate at a low voltage of 1.6V and is fully operational up to 5.5V. These features make the AZV3001 and AZV3002 convenient for use in 1.8V, 3.0V and 5.0V systems, and are perfectly suitable for battery-powered devices from its low-power characteristics.

Features
 • Low Supply Current: 6µA (typical)
 • Wide Supply Voltage Range: 1.6~5.5V
 • Rail to Rail Input/ Output Performance
 • Push-Pull Output Structure
 • Propagation Delay: 0.8µs (typical)
 • Low Input Bias Current: 1pA (typical)
 • No Phase Inversion with Overdrive Input Signals
 • Internal Hysteresis
 • X2-DFN1410-6, U-FLGA1616-8 and SO-8 Package: Available in “Green” Molding Compound (No Br. Sb.)
 • Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 • Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 • Mobile Phones
 • Tablets
 • Battery Powered Devices
 • Alarm and Security Systems




Número de pieza similar - AZV3001FZ4-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results


Descripción similar - AZV3001FZ4-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results




Acerca de Diodes Incorporated


Diodos Incorporated es una empresa que cotiza en bolsa que diseña, fabrica y proporciona una amplia gama de semiconductores de señal mixtos, analógicos y de señal mixto y soluciones de energía completas.
La compañía fue fundada en 1964 y tiene su sede en Plano, Texas.
Opera a nivel mundial con centros de ventas, soporte y diseño en América del Norte, Europa y Asia.
Diodos Incorporated sirve a una variedad de industrias, que incluyen automotriz, comunicaciones, computación, consumidores e industriales.
La compañía ofrece una amplia gama de productos, incluidos diodos, rectificadores, transistores, reguladores de voltaje, MOSFET, conductores LED y dispositivos de protección, entre otros.
La misión de la compañía es proporcionar a los clientes productos de alta calidad y alta confiabilidad y un excelente servicio al cliente.
Con un enfoque en la innovación y la satisfacción del cliente, Diodos Incorporated se compromete a convertirse en un proveedor líder de soluciones de gestión de energía.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com