Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZL9010MIRZ Datasheet (PDF) - Intersil Corporation

ZL9010MIRZ Datasheet PDF - Intersil Corporation
No. de pieza ZL9010MIRZ
Descarga  ZL9010MIRZ Descarga

Tamaño del archivo   1499.62 Kbytes
Page   72 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Digital DC/DC PMBus 10A Power Module

ZL9010MIRZ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ZL9010MIRZ Datasheet PDF - Intersil Corporation

No. de pieza ZL9010MIRZ
Descarga  ZL9010MIRZ Click to download

Tamaño del archivo   1499.62 Kbytes
Page   72 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Digital DC/DC PMBus 10A Power Module

ZL9010MIRZ Datasheet (HTML) - Intersil Corporation

Back Button ZL9010MIRZ Datasheet HTML 1Page - Intersil Corporation ZL9010MIRZ Datasheet HTML 2Page - Intersil Corporation ZL9010MIRZ Datasheet HTML 3Page - Intersil Corporation ZL9010MIRZ Datasheet HTML 4Page - Intersil Corporation ZL9010MIRZ Datasheet HTML 5Page - Intersil Corporation ZL9010MIRZ Datasheet HTML 6Page - Intersil Corporation ZL9010MIRZ Datasheet HTML 7Page - Intersil Corporation ZL9010MIRZ Datasheet HTML 8Page - Intersil Corporation ZL9010MIRZ Datasheet HTML 9Page - Intersil Corporation ZL9010MIRZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ZL9010MIRZ Detalles de producto

The ZL9010M is a 10A adjustable output, step-down
synchronous PMBus-compliant digital power supply. Included
in the module is a high-performance digital PWM controller,
power MOSFETs, an inductor and all the passive components
required for a highly integrated DC/DC power solution. This
power module has built-in auto compensation algorithms,
which eliminates the need for manual compensation design
work. The ZL9010M operates over a wide input voltage range
and supports an output voltage range of 0.6V to 3.6V, which
can be set by external resistors or via PMBus. Only bulk input
and output capacitors are needed to finish the design. The
output voltage can be precisely regulated to as low as 0.6V
with ±1% output voltage regulation over line, load and
temperature variations.
The ZL9010M functions as a switch mode power supply with
added benefits of auto compensation, programmable power
management features, parametric monitoring and status
reporting capabilities.
The ZL9010M is packaged in a thermally enhanced, compact
(17.2mm x 11.45mm) and low profile (2.5mm) overmolded
high-density array (HDA) package module suitable for
automated assembly by standard surface mount equipment.
The ZL9010M is RoHS compliant.

Features
• Complete digital switch mode power supply
• Auto compensating PID filter
• ±1% output voltage accuracy
• External synchronization
• Overcurrent/undercurrent protection
• Output voltage tracking
• Current sharing and phase interleaving
• Programmable sequencing (delay and ramp time)
• Snapshot™ parametric capture
• PMBus compliant

Applications
• Server, telecom and datacom
• Industrial and medical equipment
• General purpose point-of-load




Número de pieza similar - ZL9010MIRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ZL9010MIRZ INTERSIL-ZL9010MIRZ Datasheet
1Mb / 30P
   Digital DC/DC PMBus 10A Power Module
logo
Renesas Technology Corp
ZL9010MIRZ RENESAS-ZL9010MIRZ Datasheet
2Mb / 72P
   Digital DC/DC PMBus 10A Power Module
More results


Descripción similar - ZL9010MIRZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 10A Power Module
logo
Renesas Technology Corp
ZL9010M RENESAS-ZL9010M Datasheet
2Mb / 72P
   Digital DC/DC PMBus 10A Power Module
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
   Digital DC/DC PMBus 6A Power Module
logo
Intersil Corporation
ZL9006M INTERSIL-ZL9006M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 6A Power Module
logo
Renesas Technology Corp
ISL8272M RENESAS-ISL8272M Datasheet
2Mb / 59P
   50A Digital DC/DC PMBus Power Module
logo
Intersil Corporation
ISL8272MAIRZ INTERSIL-ISL8272MAIRZ Datasheet
1Mb / 55P
   50A Digital DC/DC PMBus Power Module
January 14, 2015
ZL9006MIRZ INTERSIL-ZL9006MIRZ Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com