Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL80121IR50Z Datasheet (PDF) - Intersil Corporation

ISL80121IR50Z Datasheet PDF - Intersil Corporation
No. de pieza ISL80121IR50Z
Descarga  ISL80121IR50Z Descarga

Tamaño del archivo   416.25 Kbytes
Page   12 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting

ISL80121IR50Z Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ISL80121IR50Z Datasheet PDF - Intersil Corporation

No. de pieza ISL80121IR50Z
Descarga  ISL80121IR50Z Click to download

Tamaño del archivo   416.25 Kbytes
Page   12 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting

ISL80121IR50Z Datasheet (HTML) - Intersil Corporation

Back Button ISL80121IR50Z Datasheet HTML 1Page - Intersil Corporation ISL80121IR50Z Datasheet HTML 2Page - Intersil Corporation ISL80121IR50Z Datasheet HTML 3Page - Intersil Corporation ISL80121IR50Z Datasheet HTML 4Page - Intersil Corporation ISL80121IR50Z Datasheet HTML 5Page - Intersil Corporation ISL80121IR50Z Datasheet HTML 6Page - Intersil Corporation ISL80121IR50Z Datasheet HTML 7Page - Intersil Corporation ISL80121IR50Z Datasheet HTML 8Page - Intersil Corporation ISL80121IR50Z Datasheet HTML 9Page - Intersil Corporation ISL80121IR50Z Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL80121IR50Z Detalles de producto

The ISL80121-5 is a low dropout voltage, single output LDO with
programmable current limiting. The ISL80121-5 operates from
input voltages of 5V to 6V with a nominal output voltage of 5V.
Other custom voltage options are available upon request.
A sub-micron BiCMOS process is utilized for this product family to
deliver the best in class analog performance and overall value.
The programmable current limiting improves system reliability of
end applications. An external capacitor on the soft-start pin
provides an adjustable soft-starting ramp. The ENABLE feature
allows the part to be placed into a low quiescent current
shutdown mode.
This BiCMOS LDO will consume significantly lower quiescent
current as a function of load compared to bipolar LDOs, which
translates into higher efficiency and packages with smaller
footprints. Quiescent current is modestly compromised to
achieve a very fast load transient response.

Features
• ±1.8% VOUT Accuracy Guaranteed Over Line, Load and
TJ = -40°C to +125°C
• Very Low 130mV Dropout Voltage at VIN = 5.0V
• High Accuracy Current Limit Programmable up to 1.75A
• Very Fast Transient Response
• 210µVRMS Output Noise
• Power-Good Output
• Programmable Soft-Start
• Over-Temperature Protection
• Small 10 Ld DFN Package

Applications
• USB devices
• Telecommunications and Networking
• Medical Equipment
• Instrumentation Systems
• Routers and Switchers
• Gaming




Número de pieza similar - ISL80121IR50Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL80121IR50Z INTERSIL-ISL80121IR50Z Datasheet
495Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
logo
Renesas Technology Corp
ISL80121IR50Z RENESAS-ISL80121IR50Z Datasheet
668Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
More results


Descripción similar - ISL80121IR50Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL80121-5_1109 INTERSIL-ISL80121-5_1109 Datasheet
478Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
ISL80121-5 INTERSIL-ISL80121-5 Datasheet
495Kb / 11P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
logo
Renesas Technology Corp
ISL80121-5 RENESAS-ISL80121-5 Datasheet
668Kb / 12P
   1A Ultra Low Dropout Linear Regulator with Programmable Current Limiting
logo
Intersil Corporation
ISL80101A INTERSIL-ISL80101A Datasheet
570Kb / 12P
   High Performance 1A Linear Regulator with Programmable Current Limiting
ISL80101A INTERSIL-ISL80101A_15 Datasheet
498Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
August 11, 2015
logo
Renesas Technology Corp
ISL80101A RENESAS-ISL80101A Datasheet
756Kb / 13P
   High Performance 1A Linear Regulator with Programmable Current Limiting
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com