Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL1561IRZ-T13 Datasheet (PDF) - Intersil Corporation

ISL1561IRZ-T13 Datasheet PDF - Intersil Corporation
No. de pieza ISL1561IRZ-T13
Descarga  ISL1561IRZ-T13 Descarga

Tamaño del archivo   459.05 Kbytes
Page   13 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Fixed Gain Dual Port Class-G Differential xDSL Line Driver

ISL1561IRZ-T13 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ISL1561IRZ-T13 Datasheet PDF - Intersil Corporation

No. de pieza ISL1561IRZ-T13
Descarga  ISL1561IRZ-T13 Click to download

Tamaño del archivo   459.05 Kbytes
Page   13 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos Fixed Gain Dual Port Class-G Differential xDSL Line Driver

ISL1561IRZ-T13 Datasheet (HTML) - Intersil Corporation

Back Button ISL1561IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL1561IRZ-T13 Detalles de producto

The ISL1561 is a fixed gain dual port class-G differential
amplifier designed for driving full rate ADSL2+ and VDSL2
signals at very low power dissipation. The driver runs on a
single +14V power supply and internally generates higher
supply voltages when needed to enable power efficient
operation for high peak-to-average ratio (PAR) ADSL2+ and
VDSL2 signals.
In ADSL2+ mode of operation with full 19.8dBm transmit
signal power across 100Ω line load, each port consumes only
520mW of power, while with 19.5dBm VDSL2 8b profile a port
consumes 610mW of power. In VDSL2 17a mode of operation
with 14.5dBm transmit power, a port will consume 411mW of
power. These typical power consumption figures account for
receiver hybrid loading effects and transformer losses.
The ISL1561 provides two ports of wideband, current feedback
amplifiers optimized for low power consumption in xDSL
systems. The drivers achieve an average upstream missing
band power ratio (MBPR) distortion of better than -64dBc
under 19.8dBm transmit signal power into 100Ω load. A three
pin serial interface is used to program an 8-bit internal register
to set each port’s supply current with 0.5mA step size. This
flexibility allows the DSP to optimize each port separately
during modem training.
The device is supplied in a thermally-enhanced small footprint
(4mmx4mm) 24 lead QFN package. The ISL1561 is specified
for operation over the full -40°C to +85°C industrial
temperature range and is Pb-free RoHS compliant.

Features
• Internal fixed gain of 11.6V/V to transformer (see Figure 3)
• 360mA output drive capability
• 41.8VP-P differential output drive into 100Ω in class G mode
• VDSL2 8b profile MTPR of -64dBc
• VDSL2 17a profile MTPR of -60dBc
• ADSL2+, VDSL2 8b and 17a power consumption of 520mW,
610mW and 411mW respectively
• 8-bit programmable register to set supply current on each
port
• 3 pin serial port interface

Applications
• Dual port ADSL2+ and VDSL2 DSLAM




Número de pieza similar - ISL1561IRZ-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   3 pin serial port interface
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results


Descripción similar - ISL1561IRZ-T13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Texas Instruments
THS6184 TI1-THS6184_16 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com