Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G04DTT1 Datasheet (PDF) - Leshan Radio Company

MC74VHC1G04DTT1 Datasheet PDF - Leshan Radio Company
No. de pieza MC74VHC1G04DTT1
Descarga  MC74VHC1G04DTT1 Descarga

Tamaño del archivo   200.46 Kbytes
Page   4 Pages
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Descripción Electrónicos Inverter

MC74VHC1G04DTT1 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC74VHC1G04DTT1 Datasheet PDF - Leshan Radio Company

No. de pieza MC74VHC1G04DTT1
Descarga  MC74VHC1G04DTT1 Click to download

Tamaño del archivo   200.46 Kbytes
Page   4 Pages
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Descripción Electrónicos Inverter

MC74VHC1G04DTT1 Datasheet (HTML) - Leshan Radio Company

MC74VHC1G04DTT1 Datasheet HTML 1Page - Leshan Radio Company MC74VHC1G04DTT1 Datasheet HTML 2Page - Leshan Radio Company MC74VHC1G04DTT1 Datasheet HTML 3Page - Leshan Radio Company MC74VHC1G04DTT1 Datasheet HTML 4Page - Leshan Radio Company

MC74VHC1G04DTT1 Detalles de producto

The MC74VHC1G04 is an advanced high speed CMOS inverter fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The MC74VHC1G04 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the MC74VHC1G04 to be used to interface 5 V circuits to 3 V circuits.

• High Speed: t PD = 3.5 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 105; Equivalent Gates = 26




Número de pieza similar - MC74VHC1G04DTT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
MC74VHC1G04DTT1 ETL-MC74VHC1G04DTT1 Datasheet
578Kb / 4P
   2-Input NOR Gate
logo
ON Semiconductor
MC74VHC1G04DTT1 ONSEMI-MC74VHC1G04DTT1 Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
MC74VHC1G04DTT1G ONSEMI-MC74VHC1G04DTT1G Datasheet
72Kb / 6P
   Single Inverter
January, 2007 ??Rev. 14
MC74VHC1G04DTT1G ONSEMI-MC74VHC1G04DTT1G Datasheet
121Kb / 6P
   Single Inverter
September, 2013 ??Rev. 16
MC74VHC1G04DTT1G ONSEMI-MC74VHC1G04DTT1G Datasheet
206Kb / 15P
   Single Inverter
November, 2018 ??Rev. 17
More results


Descripción similar - MC74VHC1G04DTT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com