Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RB521S-30GH Datasheet (PDF) - Zowie Technology Corporation

RB521S-30GH Datasheet PDF - Zowie Technology Corporation
No. de pieza RB521S-30GH
Descarga  RB521S-30GH Descarga

Tamaño del archivo   359.12 Kbytes
Page   2 Pages
Fabricante Electrónico  ZOWIE [Zowie Technology Corporation]
Página de inicio  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Descripción Electrónicos Schottky Barrier Diode Lead free product Halogen-free type

RB521S-30GH Datasheet (PDF)

Go To PDF Page Descarga Datasheet
RB521S-30GH Datasheet PDF - Zowie Technology Corporation

No. de pieza RB521S-30GH
Descarga  RB521S-30GH Click to download

Tamaño del archivo   359.12 Kbytes
Page   2 Pages
Fabricante Electrónico  ZOWIE [Zowie Technology Corporation]
Página de inicio  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation
Descripción Electrónicos Schottky Barrier Diode Lead free product Halogen-free type

RB521S-30GH Datasheet (HTML) - Zowie Technology Corporation

RB521S-30GH Datasheet HTML 1Page - Zowie Technology Corporation RB521S-30GH Datasheet HTML 2Page - Zowie Technology Corporation

RB521S-30GH Detalles de producto

Schottky Barrier Diode
Lead free product
Halogen-free type

Features
   Extremelysmall surface mounting type. (SC-79/SOD523)
   xtremely Fast Switching Speed
   Extremely Low Forward Voltage 0.5 V (max) @ IF = 200 mA
   Low Reverse Current

Applictions
   Low current rectification and high speed switching

Construction
   Silicon epitaxial planar

We declare that the material of product compliance with RoHS requirements.




Número de pieza similar - RB521S-30GH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Goodwork Semiconductor ...
RB521S-30 GWSEMI-RB521S-30 Datasheet
250Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rohm
RB521S-30 ROHM-RB521S-30 Datasheet
34Kb / 3P
   Schottky barrier diode
logo
List of Unclassifed Man...
RB521S-30 ETC2-RB521S-30 Datasheet
268Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Yea Shin Technology Co....
RB521S-30 YEASHIN-RB521S-30 Datasheet
747Kb / 3P
   Schottky Barrier Diode DEVICE MARKING CODES
logo
TRANSYS Electronics Lim...
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
More results


Descripción similar - RB521S-30GH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
BAT54RAGH ZOWIE-BAT54RAGH Datasheet
232Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54HT1GH ZOWIE-BAT54HT1GH Datasheet
43Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RSGH ZOWIE-BAT54RSGH Datasheet
81Kb / 3P
   Schottky Barrier Diode Lead free product Halogen - free type
RB491DGH ZOWIE-RB491DGH Datasheet
48Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54WGH ZOWIE-BAT54WGH Datasheet
121Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54CWGH ZOWIE-BAT54CWGH Datasheet
49Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RGH ZOWIE-BAT54RGH Datasheet
128Kb / 4P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RCGH ZOWIE-BAT54RCGH Datasheet
46Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54SWGH ZOWIE-BAT54SWGH Datasheet
51Kb / 2P
   Schottky Barrier Diode Lead free product Halogen - free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com