Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JANSR2N7405 Datasheet (PDF) - Intersil Corporation

JANSR2N7405 Datasheet PDF - Intersil Corporation
No. de pieza JANSR2N7405
Descarga  JANSR2N7405 Descarga

Tamaño del archivo   44.88 Kbytes
Page   8 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET

JANSR2N7405 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
JANSR2N7405 Datasheet PDF - Intersil Corporation

No. de pieza JANSR2N7405
Descarga  JANSR2N7405 Click to download

Tamaño del archivo   44.88 Kbytes
Page   8 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET

JANSR2N7405 Datasheet (HTML) - Intersil Corporation

JANSR2N7405 Datasheet HTML 1Page - Intersil Corporation JANSR2N7405 Datasheet HTML 2Page - Intersil Corporation JANSR2N7405 Datasheet HTML 3Page - Intersil Corporation JANSR2N7405 Datasheet HTML 4Page - Intersil Corporation JANSR2N7405 Datasheet HTML 5Page - Intersil Corporation JANSR2N7405 Datasheet HTML 6Page - Intersil Corporation JANSR2N7405 Datasheet HTML 7Page - Intersil Corporation JANSR2N7405 Datasheet HTML 8Page - Intersil Corporation

JANSR2N7405 Detalles de producto

Description
The Discrete Products Operation of Intersil Corporation has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 25A (Note), 100V, rDS(ON) = 0.070Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 7.0nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 3E13 Neutrons/cm2
    - Usable to 3E14 Neutrons/cm2




Número de pieza similar - JANSR2N7405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7401 INTERSIL-JANSR2N7401 Datasheet
55Kb / 8P
   6A, 250V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
   3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7403 INTERSIL-JANSR2N7403 Datasheet
45Kb / 8P
   22A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFET
JANSR2N7404 INTERSIL-JANSR2N7404 Datasheet
45Kb / 8P
   15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET
More results


Descripción similar - JANSR2N7405

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
JANSR2N7292 INTERSIL-JANSR2N7292 Datasheet
38Kb / 7P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
FSF150D INTERSIL-FSF150D Datasheet
45Kb / 8P
   25A, 100V, 0.070 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FRF150D INTERSIL-FRF150D Datasheet
49Kb / 6P
   25A, 100V, 0.07 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK260D INTERSIL-FRK260D Datasheet
47Kb / 6P
   46A, 200V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
JANSR2N7395 INTERSIL-JANSR2N7395 Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7272 INTERSIL-JANSR2N7272 Datasheet
39Kb / 7P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7399 INTERSIL-JANSR2N7399 Datasheet
44Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7411 INTERSIL-JANSR2N7411 Datasheet
45Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET
FRK150D INTERSIL-FRK150D Datasheet
48Kb / 6P
   40A, 100V, 0.055 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com