Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JANSR2N7404 Datasheet (PDF) - Intersil Corporation

JANSR2N7404 Datasheet PDF - Intersil Corporation
No. de pieza JANSR2N7404
Descarga  JANSR2N7404 Descarga

Tamaño del archivo   45.0 Kbytes
Page   8 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET

JANSR2N7404 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
JANSR2N7404 Datasheet PDF - Intersil Corporation

No. de pieza JANSR2N7404
Descarga  JANSR2N7404 Click to download

Tamaño del archivo   45.0 Kbytes
Page   8 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET

JANSR2N7404 Datasheet (HTML) - Intersil Corporation

JANSR2N7404 Datasheet HTML 1Page - Intersil Corporation JANSR2N7404 Datasheet HTML 2Page - Intersil Corporation JANSR2N7404 Datasheet HTML 3Page - Intersil Corporation JANSR2N7404 Datasheet HTML 4Page - Intersil Corporation JANSR2N7404 Datasheet HTML 5Page - Intersil Corporation JANSR2N7404 Datasheet HTML 6Page - Intersil Corporation JANSR2N7404 Datasheet HTML 7Page - Intersil Corporation JANSR2N7404 Datasheet HTML 8Page - Intersil Corporation

JANSR2N7404 Detalles de producto

Description
The Discrete Products Operation of Intersil Corporation has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 15A, -200V, rDS(ON) = 0.290Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 12nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 1E13 Neutrons/cm2
    - Usable to 1E14 Neutrons/cm2




Número de pieza similar - JANSR2N7404

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7401 INTERSIL-JANSR2N7401 Datasheet
55Kb / 8P
   6A, 250V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
   3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7403 INTERSIL-JANSR2N7403 Datasheet
45Kb / 8P
   22A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFET
JANSR2N7405 INTERSIL-JANSR2N7405 Datasheet
44Kb / 8P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
More results


Descripción similar - JANSR2N7404

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
FSF9250D INTERSIL-FSF9250D Datasheet
45Kb / 8P
   15A, -200V, 0.290 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9240D INTERSIL-FRS9240D Datasheet
48Kb / 6P
   7A, -200V, 0.735 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9250D INTERSIL-FRF9250D Datasheet
48Kb / 6P
   14A, -200V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9260D INTERSIL-FRK9260D Datasheet
47Kb / 6P
   26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9230D INTERSIL-FRM9230D Datasheet
57Kb / 6P
   4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRE9260D INTERSIL-FRE9260D Datasheet
47Kb / 6P
   19A, -200V, 0.210 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
   16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9230D INTERSIL-FRS9230D Datasheet
49Kb / 6P
   4A, -200V, 1.32 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9230D INTERSIL-FRL9230D Datasheet
47Kb / 6P
   3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com