Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HUF76107D3 Datasheet (PDF) - Intersil Corporation

HUF76107D3 Datasheet PDF - Intersil Corporation
No. de pieza HUF76107D3
Descarga  HUF76107D3 Descarga

Tamaño del archivo   109.39 Kbytes
Page   10 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUF76107D3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HUF76107D3 Datasheet PDF - Intersil Corporation

No. de pieza HUF76107D3
Descarga  HUF76107D3 Click to download

Tamaño del archivo   109.39 Kbytes
Page   10 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUF76107D3 Datasheet (HTML) - Intersil Corporation

HUF76107D3 Datasheet HTML 1Page - Intersil Corporation HUF76107D3 Datasheet HTML 2Page - Intersil Corporation HUF76107D3 Datasheet HTML 3Page - Intersil Corporation HUF76107D3 Datasheet HTML 4Page - Intersil Corporation HUF76107D3 Datasheet HTML 5Page - Intersil Corporation HUF76107D3 Datasheet HTML 6Page - Intersil Corporation HUF76107D3 Datasheet HTML 7Page - Intersil Corporation HUF76107D3 Datasheet HTML 8Page - Intersil Corporation HUF76107D3 Datasheet HTML 9Page - Intersil Corporation HUF76107D3 Datasheet HTML 10Page - Intersil Corporation

HUF76107D3 Detalles de producto

These N-Channel power
MOSFETs are manufactured using the innovative UltraFET™ process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, low-voltage bus switches, and power management in portable and battery-operated products.

Features
• Logic Level Gate Drive
• 20A, 30V
• Ultra Low On-Resistance, rDS(ON) = 0.052Ω
• Temperature Compensating PSPICE® Model
• Temperature Compensating SABER© Model
• Thermal Impedance SPICE Model
• Thermal Impedance SABER Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
   - TB334, “Guidelines for Soldering Surface Mount
      Components to PC Boards”




Número de pieza similar - HUF76107D3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HUF76107D3 FAIRCHILD-HUF76107D3 Datasheet
284Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107D3S FAIRCHILD-HUF76107D3S Datasheet
284Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Descripción similar - HUF76107D3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
HUF76107P3 INTERSIL-HUF76107P3 Datasheet
369Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76107D3 FAIRCHILD-HUF76107D3 Datasheet
284Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107P3 FAIRCHILD-HUF76107P3 Datasheet
282Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76129D3 INTERSIL-HUF76129D3 Datasheet
107Kb / 10P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413D3 FAIRCHILD-HUFA76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com