Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HUF76105SK8 Datasheet (PDF) - Intersil Corporation

HUF76105SK8 Datasheet PDF - Intersil Corporation
No. de pieza HUF76105SK8
Descarga  HUF76105SK8 Descarga

Tamaño del archivo   123.24 Kbytes
Page   12 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET

HUF76105SK8 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HUF76105SK8 Datasheet PDF - Intersil Corporation

No. de pieza HUF76105SK8
Descarga  HUF76105SK8 Click to download

Tamaño del archivo   123.24 Kbytes
Page   12 Pages
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Descripción Electrónicos 5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET

HUF76105SK8 Datasheet (HTML) - Intersil Corporation

Back Button HUF76105SK8 Datasheet HTML 1Page - Intersil Corporation HUF76105SK8 Datasheet HTML 2Page - Intersil Corporation HUF76105SK8 Datasheet HTML 3Page - Intersil Corporation HUF76105SK8 Datasheet HTML 4Page - Intersil Corporation HUF76105SK8 Datasheet HTML 5Page - Intersil Corporation HUF76105SK8 Datasheet HTML 6Page - Intersil Corporation HUF76105SK8 Datasheet HTML 7Page - Intersil Corporation HUF76105SK8 Datasheet HTML 8Page - Intersil Corporation HUF76105SK8 Datasheet HTML 9Page - Intersil Corporation HUF76105SK8 Datasheet HTML 10Page - Intersil Corporation Next Button 

HUF76105SK8 Detalles de producto

This N-Channel power MOSFET is manufactured using the innovative UltraFET™ process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, low-voltage bus switches, and power management in portable and batteryoperated products.

Features
• Logic Level Gate Drive
• 5.5A, 30V
• Ultra Low On-Resistance, rDS(ON) = 0.050Ω
• Simulation Models
    - Temperature Compensated PSPICE® and SABER Electrical Models
    - SPICE and SABER Thermal Impedance Models Available on the WEB at: www.semi.Intersil.com/families/models.htm
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Transient Thermal Impedance Curve vs Board Mounting Area
• Related Literature
    - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Número de pieza similar - HUF76105SK8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HUF76105SK8 FAIRCHILD-HUF76105SK8 Datasheet
330Kb / 12P
   5.5A, 30V, 0.050 Ohm, N-Channel, Logic
More results


Descripción similar - HUF76105SK8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HUF76105SK8 FAIRCHILD-HUF76105SK8 Datasheet
330Kb / 12P
   5.5A, 30V, 0.050 Ohm, N-Channel, Logic
logo
Intersil Corporation
HUF76105DK8 INTERSIL-HUF76105DK8 Datasheet
176Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76105DK8 FAIRCHILD-HUF76105DK8 Datasheet
317Kb / 12P
   5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76132SK8 INTERSIL-HUF76132SK8 Datasheet
123Kb / 11P
   11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76121SK8 INTERSIL-HUF76121SK8 Datasheet
124Kb / 11P
   8A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76113T3ST INTERSIL-HUF76113T3ST Datasheet
175Kb / 12P
   4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results




Acerca de Intersil Corporation


Intersil Corporation era una compañía de semiconductores estadounidenses que se especializó en el diseño y fabricación de circuitos integrados analógicos y de señal mixta de alto rendimiento.
La compañía fue fundada en 1967 y era conocida por su experiencia en gestión de energía, conversión de datos y tecnologías de radiofrecuencia (RF).
Los productos de Intersil se utilizaron en una amplia gama de aplicaciones, como la electrónica de consumo, industrial, telecomunicaciones y aeroespacial y defensa.
En 2016, Intersil fue adquirido por Renesas Electronics Corporation, una empresa de semiconductores japoneses.
La marca y la tecnología Intersil continúan desarrollándose y vendiendo como parte de la cartera de productos de Renesas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com