Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMSZ4692 Datasheet (PDF) - Micro Commercial Components

MMSZ4692 Datasheet PDF - Micro Commercial Components
No. de pieza MMSZ4692
Descarga  MMSZ4692 Descarga

Tamaño del archivo   346.04 Kbytes
Page   5 Pages
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Descripción Electrónicos 500mW Silicon Zener Diodes

MMSZ4692 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MMSZ4692 Datasheet PDF - Micro Commercial Components

No. de pieza MMSZ4692
Descarga  MMSZ4692 Click to download

Tamaño del archivo   346.04 Kbytes
Page   5 Pages
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Descripción Electrónicos 500mW Silicon Zener Diodes

MMSZ4692 Datasheet (HTML) - Micro Commercial Components

MMSZ4692 Datasheet HTML 1Page - Micro Commercial Components MMSZ4692 Datasheet HTML 2Page - Micro Commercial Components MMSZ4692 Datasheet HTML 3Page - Micro Commercial Components MMSZ4692 Datasheet HTML 4Page - Micro Commercial Components MMSZ4692 Datasheet HTML 5Page - Micro Commercial Components

MMSZ4692 Detalles de producto

Features
• Zener Voltage 1.8V-39V
• Very Sharp Reverse Characteristic
• VZ – tolerance ± 5%
• High Reliability
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Número de pieza similar - MMSZ4692

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
General Semiconductor
MMSZ4692 GE-MMSZ4692 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Bruckewell Technology L...
MMSZ4692 BWTECH-MMSZ4692 Datasheet
564Kb / 5P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
MMSZ4692 EIC-MMSZ4692 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Foshan Blue Rocket Elec...
MMSZ4692 FOSHAN-MMSZ4692 Datasheet
757Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Fairchild Semiconductor
MMSZ4692 FAIRCHILD-MMSZ4692 Datasheet
61Kb / 3P
   Half watt, General purpose, Medium Current Surface Mount Zener
More results


Descripción similar - MMSZ4692

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com