Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC373M Datasheet (PDF) - Fairchild Semiconductor

74VHC373M Datasheet PDF - Fairchild Semiconductor
No. de pieza 74VHC373M
Descarga  74VHC373M Descarga

Tamaño del archivo   209.84 Kbytes
Page   9 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Octal D-Type Latch with 3-STATE Outputs

74VHC373M Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74VHC373M Datasheet PDF - Fairchild Semiconductor

No. de pieza 74VHC373M
Descarga  74VHC373M Click to download

Tamaño del archivo   209.84 Kbytes
Page   9 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Octal D-Type Latch with 3-STATE Outputs

74VHC373M Datasheet (HTML) - Fairchild Semiconductor

74VHC373M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC373M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC373M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC373M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC373M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC373M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC373M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC373M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC373M Datasheet HTML 9Page - Fairchild Semiconductor

74VHC373M Detalles de producto

General Description
The VHC373 is an advanced high speed CMOS octal D-type latch with 3-STATE output fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. This 8-bit D-type latch is controlled by a latch enable input (LE) and an output enable input (OE). The latches appear transparent to data when latch enable (LE) is HIGH. When LE is LOW, the data that meets the setup time is LATCHED. When the OE input is HIGH, the eight outputs are in a high impedance state.
An input protection circuit ensures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery backup. This circuit prevents device destruction due to mismatched supply and input voltages.

Features
■ High Speed: tPD = 5.0ns (typ) @ VCC = 5V
■ High Noise Immunity: VNIH = VNIL = 28% VCC (Min.)
■ Power Down Protection is provided on all inputs
■ Low Noise: VOLP = 0.6V (Typ.)
■ Low Power Dissipation: ICC = 4µA (Max) @ TA = 25°C
■ Pin and Function Compatible with 74HC373




Número de pieza similar - 74VHC373M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VHC373M STMICROELECTRONICS-74VHC373M Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHC373M FAIRCHILD-74VHC373M Datasheet
104Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC373M ONSEMI-74VHC373M Datasheet
280Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHC373MTC FAIRCHILD-74VHC373MTC Datasheet
104Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC373MTC ONSEMI-74VHC373MTC Datasheet
280Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
April 2007 Rev. 1.3
More results


Descripción similar - 74VHC373M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com