Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HD74LV164A8 Datasheet (PDF) - Hitachi Semiconductor

HD74LV164A8 Datasheet PDF - Hitachi Semiconductor
No. de pieza HD74LV164A8
Descarga  HD74LV164A8 Descarga

Tamaño del archivo   68.16 Kbytes
Page   16 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos 8-bit Parallel-out Serial-in Shift Register

HD74LV164A8 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HD74LV164A8 Datasheet PDF - Hitachi Semiconductor

No. de pieza HD74LV164A8
Descarga  HD74LV164A8 Click to download

Tamaño del archivo   68.16 Kbytes
Page   16 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos 8-bit Parallel-out Serial-in Shift Register

HD74LV164A8 Datasheet (HTML) - Hitachi Semiconductor

Back Button HD74LV164A8 Datasheet HTML 1Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 2Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 3Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 4Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 5Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 6Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 7Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 8Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 9Page - Hitachi Semiconductor HD74LV164A8 Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

HD74LV164A8 Detalles de producto

Description

The HD74LV164A is 8-bit shift register has gated serial inputs and clear. Each register bit is a D-type master/slave flip-flop. Inputs A & B permit complete control over the incoming data. A low at either or both inputs inhibits entry of new data and resets the first flip-flop to the low level at the next clock pulse. A high level on one input enables the other input which will then determine the state of the first flip-flop. Data at the serial inputs may be changed while the clock is high or low, but only information meeting the setup and hold time but only information meeting the setup and hold time requirements will be entered.



Features

• VCC = 2.0 V to 5.5 V operation

• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)

• All outputs VO (Max.) = 5.5 V (@VCC = 0 V)

• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)

• Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25°C)

• Output current ±6 mA (@VCC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)



 




Número de pieza similar - HD74LV164A8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161AFPEL RENESAS-HD74LV161AFPEL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161ARPEL RENESAS-HD74LV161ARPEL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LV161ATELL RENESAS-HD74LV161ATELL Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results


Descripción similar - HD74LV164A8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results




Acerca de Hitachi Semiconductor


Hitachi Semiconductor es una subsidiaria de Hitachi, Ltd., una compañía japonesa que se especializa en el diseño y fabricación de semiconductores.
La compañía se estableció en 1970 y tiene su sede en Tokio, Japón.
Hitachi Semiconductor ofrece una amplia gama de productos que incluyen productos de memoria, microcontroladores, ICS de administración de energía y otros semiconductores analógicos y digitales.
Los productos de la compañía se utilizan en diversas aplicaciones, como la electrónica de consumo, los sistemas automotrices y los equipos industriales.
Hitachi Semiconductor es conocido por su experiencia en tecnología de semiconductores y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
La compañía tiene operaciones e instalaciones en varios países de todo el mundo y trabaja en estrecha colaboración con sus clientes para proporcionar soluciones de semiconductores personalizadas que satisfagan sus requisitos y necesidades específicas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com