Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HD74HCT373 Datasheet (PDF) - Hitachi Semiconductor

HD74HCT373 Datasheet PDF - Hitachi Semiconductor
No. de pieza HD74HCT373
Descarga  HD74HCT373 Descarga

Tamaño del archivo   62.86 Kbytes
Page   10 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos Octal D-type Transparent Latches(with inverted 3-state outputs)

HD74HCT373 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HD74HCT373 Datasheet PDF - Hitachi Semiconductor

No. de pieza HD74HCT373
Descarga  HD74HCT373 Click to download

Tamaño del archivo   62.86 Kbytes
Page   10 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos Octal D-type Transparent Latches(with inverted 3-state outputs)

HD74HCT373 Datasheet (HTML) - Hitachi Semiconductor

HD74HCT373 Datasheet HTML 1Page - Hitachi Semiconductor HD74HCT373 Datasheet HTML 2Page - Hitachi Semiconductor HD74HCT373 Datasheet HTML 3Page - Hitachi Semiconductor HD74HCT373 Datasheet HTML 4Page - Hitachi Semiconductor HD74HCT373 Datasheet HTML 5Page - Hitachi Semiconductor HD74HCT373 Datasheet HTML 6Page - Hitachi Semiconductor HD74HCT373 Datasheet HTML 7Page - Hitachi Semiconductor HD74HCT373 Datasheet HTML 8Page - Hitachi Semiconductor HD74HCT373 Datasheet HTML 9Page - Hitachi Semiconductor HD74HCT373 Datasheet HTML 10Page - Hitachi Semiconductor

HD74HCT373 Detalles de producto

Description

When the latch enable input is high, the Q outputs of HD74HCT373 will follow the D inputs and the Q outputs of HD74HCT533 will follow the inversion of the D inputs. When the latch enable goes low, data at the D inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of what signals present at the other inputs and the state of the storage elements.



Features

• LSTTL Output Logic Level Compatibility as well as CMOS Output Compatibility

• High Speed Operation: tpd (Data to Q) = 14 ns typ (CL = 50 pF)

• High Output Current: Fanout of 15 LSTTL Loads

• Wide Operating Voltage: VCC = 4.5 to 5.5 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)



 




Número de pieza similar - HD74HCT373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74HCT373 RENESAS-HD74HCT373 Datasheet
121Kb / 9P
   Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HCT373FPEL RENESAS-HD74HCT373FPEL Datasheet
121Kb / 9P
   Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HCT373P RENESAS-HD74HCT373P Datasheet
121Kb / 9P
   Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HCT373RPEL RENESAS-HD74HCT373RPEL Datasheet
121Kb / 9P
   Octal D-type Transparent Latches (with inverted 3-state outputs)
HD74HCT373TELL RENESAS-HD74HCT373TELL Datasheet
121Kb / 9P
   Octal D-type Transparent Latches (with inverted 3-state outputs)
More results


Descripción similar - HD74HCT373

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT373 RENESAS-HD74HCT373 Datasheet
121Kb / 9P
   Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results




Acerca de Hitachi Semiconductor


Hitachi Semiconductor es una subsidiaria de Hitachi, Ltd., una compañía japonesa que se especializa en el diseño y fabricación de semiconductores.
La compañía se estableció en 1970 y tiene su sede en Tokio, Japón.
Hitachi Semiconductor ofrece una amplia gama de productos que incluyen productos de memoria, microcontroladores, ICS de administración de energía y otros semiconductores analógicos y digitales.
Los productos de la compañía se utilizan en diversas aplicaciones, como la electrónica de consumo, los sistemas automotrices y los equipos industriales.
Hitachi Semiconductor es conocido por su experiencia en tecnología de semiconductores y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
La compañía tiene operaciones e instalaciones en varios países de todo el mundo y trabaja en estrecha colaboración con sus clientes para proporcionar soluciones de semiconductores personalizadas que satisfagan sus requisitos y necesidades específicas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com