Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HD74HC78 Datasheet (PDF) - Hitachi Semiconductor

HD74HC78 Datasheet PDF - Hitachi Semiconductor
No. de pieza HD74HC78
Descarga  HD74HC78 Descarga

Tamaño del archivo   59.68 Kbytes
Page   10 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)

HD74HC78 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HD74HC78 Datasheet PDF - Hitachi Semiconductor

No. de pieza HD74HC78
Descarga  HD74HC78 Click to download

Tamaño del archivo   59.68 Kbytes
Page   10 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)

HD74HC78 Datasheet (HTML) - Hitachi Semiconductor

HD74HC78 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC78 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC78 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC78 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC78 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC78 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC78 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC78 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC78 Datasheet HTML 9Page - Hitachi Semiconductor HD74HC78 Datasheet HTML 10Page - Hitachi Semiconductor

HD74HC78 Detalles de producto

Description

This flip-flop is edge sensitive to the clock input and change state on the negative transition of the clock

pulse. Each flip-flop has independent J, K, and preset inputs and Q and Qoutputs. Two flip-flops are

controlled by a common clear and a common clock. Preset and clear are independent of the clock and

accomplished by a low logic level on the corresponding input.



Features

•  High Speed Operation: tpd(Clock to Q) = 20 ns typ (CL = 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 2 µA max (Ta = 25°C)




Número de pieza similar - HD74HC78

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74HC78 RENESAS-HD74HC78 Datasheet
105Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78FPEL RENESAS-HD74HC78FPEL Datasheet
105Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78FPEL RENESAS-HD74HC78FPEL Datasheet
124Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78RPEL RENESAS-HD74HC78RPEL Datasheet
105Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC78RPEL RENESAS-HD74HC78RPEL Datasheet
124Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
More results


Descripción similar - HD74HC78

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HD74LS78A HITACHI-HD74LS78A Datasheet
71Kb / 6P
   Dual J-K Flip-Flops(with Preset, Common Clear, and Common Clock)
HD74HC108 HITACHI-HD74HC108 Datasheet
55Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Renesas Technology Corp
HD74HC78 RENESAS-HD74HC78_15 Datasheet
124Kb / 9P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Texas Instruments
SN54LS78A TI-SN54LS78A Datasheet
87Kb / 5P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
SN74H78 TI-SN74H78 Datasheet
353Kb / 8P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET, COMMON CLOCK, AND COMMON CLEAR
logo
Hitachi Semiconductor
HD74HC114 HITACHI-HD74HC114 Datasheet
49Kb / 8P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Renesas Technology Corp
HD74LS78A RENESAS-HD74LS78A Datasheet
182Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear, and Common Clock)
HD74HC78 RENESAS-HD74HC78 Datasheet
105Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
HD74HC108 RENESAS-HD74HC108 Datasheet
87Kb / 7P
   Dual J-K Flip-Flops (with Preset, Common Clear and Common Clock)
logo
Hitachi Semiconductor
HD74LS114 HITACHI-HD74LS114 Datasheet
77Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset, Common Clear and Common Clock)
More results




Acerca de Hitachi Semiconductor


Hitachi Semiconductor es una subsidiaria de Hitachi, Ltd., una compañía japonesa que se especializa en el diseño y fabricación de semiconductores.
La compañía se estableció en 1970 y tiene su sede en Tokio, Japón.
Hitachi Semiconductor ofrece una amplia gama de productos que incluyen productos de memoria, microcontroladores, ICS de administración de energía y otros semiconductores analógicos y digitales.
Los productos de la compañía se utilizan en diversas aplicaciones, como la electrónica de consumo, los sistemas automotrices y los equipos industriales.
Hitachi Semiconductor es conocido por su experiencia en tecnología de semiconductores y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
La compañía tiene operaciones e instalaciones en varios países de todo el mundo y trabaja en estrecha colaboración con sus clientes para proporcionar soluciones de semiconductores personalizadas que satisfagan sus requisitos y necesidades específicas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com