Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HD74BC373A Datasheet (PDF) - Hitachi Semiconductor

HD74BC373A Datasheet PDF - Hitachi Semiconductor
No. de pieza HD74BC373A
Descarga  HD74BC373A Descarga

Tamaño del archivo   41.43 Kbytes
Page   9 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos Octal D Type Transparent Latches With 3 State Outputs

HD74BC373A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HD74BC373A Datasheet PDF - Hitachi Semiconductor

No. de pieza HD74BC373A
Descarga  HD74BC373A Click to download

Tamaño del archivo   41.43 Kbytes
Page   9 Pages
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Descripción Electrónicos Octal D Type Transparent Latches With 3 State Outputs

HD74BC373A Datasheet (HTML) - Hitachi Semiconductor

HD74BC373A Datasheet HTML 1Page - Hitachi Semiconductor HD74BC373A Datasheet HTML 2Page - Hitachi Semiconductor HD74BC373A Datasheet HTML 3Page - Hitachi Semiconductor HD74BC373A Datasheet HTML 4Page - Hitachi Semiconductor HD74BC373A Datasheet HTML 5Page - Hitachi Semiconductor HD74BC373A Datasheet HTML 6Page - Hitachi Semiconductor HD74BC373A Datasheet HTML 7Page - Hitachi Semiconductor HD74BC373A Datasheet HTML 8Page - Hitachi Semiconductor HD74BC373A Datasheet HTML 9Page - Hitachi Semiconductor

HD74BC373A Detalles de producto

Description
The HD74BC373A provides high drivability and operation equal to or better than high speed bipolar standard logic IC by using Bi-CMOS process. The device features low power dissipation that is about 1/5 of high speed bipolar logic IC, when the frequency is 10 MHz. The device has eight D type latches with three state outputs in a 20 pin package. When the latch enable input is high, the Q outputs will follow the D inputs. When the latch enable goes low, data at the D inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements.

Features
• Input/Output are at high impedance state when power supply is off.
• Built in input pull up circuit can make input pins be open, when not used.
• TTL level input
• Wide operating temperature range input pins
   Ta = –40 to + 85°C




Número de pieza similar - HD74BC373A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74BC373A RENESAS-HD74BC373A Datasheet
109Kb / 9P
   Octal D Type Transparent Latches With 3 State Outputs
HD74BC373AFPEL RENESAS-HD74BC373AFPEL Datasheet
109Kb / 9P
   Octal D Type Transparent Latches With 3 State Outputs
HD74BC373ATELL RENESAS-HD74BC373ATELL Datasheet
109Kb / 9P
   Octal D Type Transparent Latches With 3 State Outputs
More results


Descripción similar - HD74BC373A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results




Acerca de Hitachi Semiconductor


Hitachi Semiconductor es una subsidiaria de Hitachi, Ltd., una compañía japonesa que se especializa en el diseño y fabricación de semiconductores.
La compañía se estableció en 1970 y tiene su sede en Tokio, Japón.
Hitachi Semiconductor ofrece una amplia gama de productos que incluyen productos de memoria, microcontroladores, ICS de administración de energía y otros semiconductores analógicos y digitales.
Los productos de la compañía se utilizan en diversas aplicaciones, como la electrónica de consumo, los sistemas automotrices y los equipos industriales.
Hitachi Semiconductor es conocido por su experiencia en tecnología de semiconductores y su capacidad para ofrecer productos confiables y de alta calidad a sus clientes.
La compañía tiene operaciones e instalaciones en varios países de todo el mundo y trabaja en estrecha colaboración con sus clientes para proporcionar soluciones de semiconductores personalizadas que satisfagan sus requisitos y necesidades específicas.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com