Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VHC4053MTC Datasheet (PDF) - Fairchild Semiconductor

74VHC4053MTC Datasheet PDF - Fairchild Semiconductor
No. de pieza 74VHC4053MTC
Descarga  74VHC4053MTC Descarga

Tamaño del archivo   441.05 Kbytes
Page   16 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 8-Channel Analog Multiplexer

74VHC4053MTC Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74VHC4053MTC Datasheet PDF - Fairchild Semiconductor

No. de pieza 74VHC4053MTC
Descarga  74VHC4053MTC Click to download

Tamaño del archivo   441.05 Kbytes
Page   16 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 8-Channel Analog Multiplexer

74VHC4053MTC Datasheet (HTML) - Fairchild Semiconductor

Back Button 74VHC4053MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC4053MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4053MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4053MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4053MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4053MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4053MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4053MTC Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4053MTC Datasheet HTML 9Page - Fairchild Semiconductor 74VHC4053MTC Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

74VHC4053MTC Detalles de producto

General Description

These multiplexers are digitally controlled analog switches implemented in advanced silicon-gate CMOS technology. These switches have low “on” resistance and low “off” leakages. They are bidirectional switches, thus any analog input may be used as an output and vice-versa. Also these

switches contain linearization circuitry which lowers the “on” resistance and increases switch linearity. These devices allow control of up to ±6V (peak) analog signals with digital control signals of 0 to 6V. Three supply pins are provided for VCC, ground, and VEE. This enables the con

nection of 0–5V logic signals when VCC =5V and an analog input range of ±5V when VEE =5V. All three devices also have an inhibit control which when high will disable all switches to their off state. All analog inputs and outputs and digital inputs are protected from electrostatic damage by diodes to VCC and ground.



Features

■Wide analog input voltage range: ±6V

■Low “on” resistance: 50 typ. (VCC–VEE =4.5V)

                              30 typ. (VCC–VEE =9V)

■Logic level translation to enable 5V logic with ±5V analog signals

■Low quiescent current: 80 µA maximum

■Matched switch characteristic

■Pin and function compatible with the 74HC4051/ 4052/4053




Número de pieza similar - 74VHC4053MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VHC4053MTC FAIRCHILD-74VHC4053MTC Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
More results


Descripción similar - 74VHC4053MTC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LF13508 NSC-LF13508 Datasheet
334Kb / 16P
   8-Channel Analog Multiplexer
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Rohm
BU4051BC ROHM-BU4051BC Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
logo
Hitachi Semiconductor
HD14051B HITACHI-HD14051B Datasheet
92Kb / 8P
   8-channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A_15 Datasheet
145Kb / 14P
   8-channel Analog Multiplexer / Demultiplexer
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_15 Datasheet
289Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
NXP Semiconductors
74HC4051D NXP-74HC4051D Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Nexperia B.V. All right...
HEF4051B NEXPERIA-HEF4051B Datasheet
293Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 13 - 29 July 2021
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com