Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5273ZI-50-GT3 Datasheet (PDF) - ON Semiconductor

CAT5273ZI-50-GT3 Datasheet PDF - ON Semiconductor
No. de pieza CAT5273ZI-50-GT3
Descarga  CAT5273ZI-50-GT3 Descarga

Tamaño del archivo   225.16 Kbytes
Page   14 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)

CAT5273ZI-50-GT3 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CAT5273ZI-50-GT3 Datasheet PDF - ON Semiconductor

No. de pieza CAT5273ZI-50-GT3
Descarga  CAT5273ZI-50-GT3 Click to download

Tamaño del archivo   225.16 Kbytes
Page   14 Pages
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Descripción Electrónicos Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)

CAT5273ZI-50-GT3 Datasheet (HTML) - ON Semiconductor

Back Button CAT5273ZI-50-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 9Page - ON Semiconductor CAT5273ZI-50-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button 

CAT5273ZI-50-GT3 Detalles de producto

Dual 256‐position I2C Compatible Digital Potentiometers (POTs)

The CAT5271 and CAT5273 are dual 256-position digital programmable linear taper potentiometers ideally suited for replacing mechanical potentiometers and variable resistors.
The wiper settings are controlled through an I2C-compatible digital interface. Upon power-up, the wiper assumes a midscale position and may be repositioned anytime after the power is stable. The devices can be programmed to go to a shutdown state during operation.
The CAT5271 and CAT5273 operate from 2.7 V to 5.5 V, while consuming less than 2 A. This low operating current, combined with a small package footprint, makes them ideal for battery-powered portable applications.

Features
• Dual 256-position
• End-to-End Resistance: 50 kΩ, 100 kΩ
• I2C Compatible Interface*
• Power-on Preset to Midscale
• Single Supply 2.7 V to 5.5 V
• Low Temperature Coefficient 100 ppm/°C
• Low Power, IDD 2 μA max
• Wide Operating Temperature −40°C to +85°C
• MSOP−10 Package (3 mm x 4.9 mm)
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• Potentiometer Replacement
• Transducer Adjustment of Pressure, Temperature, Position, Chemical, and Optical Sensors
• RF Amplifier Biasing
• Gain Control and Offset Adjustment




Número de pieza similar - CAT5273ZI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5270 ONSEMI-CAT5270 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5270YI-00-GT2 ONSEMI-CAT5270YI-00-GT2 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5270YI-50-GT2 ONSEMI-CAT5270YI-50-GT2 Datasheet
168Kb / 10P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps & I2C Compatible Interface
October, 2009 ??Rev. 3
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
CAT5271ZI-00-GT3 ONSEMI-CAT5271ZI-00-GT3 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
More results


Descripción similar - CAT5273ZI-50-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT5191 ONSEMI-CAT5191 Datasheet
136Kb / 11P
   256?릔osition I2C Compatible Digital Potentiometer
November, 2016 ??Rev. 0
CAT5171 ONSEMI-CAT5171_17 Datasheet
133Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer
August, 2017 ??Rev. 3
logo
Analog Devices
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171_13 Datasheet
209Kb / 12P
   256?릔osition I2C Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 2
logo
Analog Devices
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172_13 Datasheet
222Kb / 10P
   256?릔osition SPI Compatible Digital Potentiometer (POT)
July, 2013 ??Rev. 1
logo
Maxim Integrated Produc...
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
More results




Acerca de ON Semiconductor


ON Semiconductor hay una empresa que cotiza en bolsa que diseña, desarrolla y fabrica una amplia gama de productos de semiconductores para una variedad de aplicaciones que incluyen automotriz, informática, bienes de consumo, industriales y mercados de comunicaciones.
La compañía fue fundada en 1999 y tiene su sede en Phoenix, Arizona.
En Semiconductor ofrece una amplia cartera de gestión de energía, semiconductores analógicos y discretos que incluyen MOSFET de potencia, diodos, rectificadores, reguladores de voltaje, entre otros.
Los productos de la compañía están diseñados para ser eficientes en energía, confiables y rentables y se utilizan en una variedad de aplicaciones, incluidas la electrónica portátil, sistemas de automatización industrial, sistemas de energía renovable y electrónica automotriz.
El semiconductor se compromete con la innovación y la satisfacción del cliente, y se compromete a proporcionar las mejores soluciones de semiconductores para satisfacer las necesidades de nuestros clientes .

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com