Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB88111 Datasheet (PDF) - Fujitsu Component Limited.

MB88111 Datasheet PDF - Fujitsu Component Limited.
No. de pieza MB88111
Descarga  MB88111 Descarga

Tamaño del archivo   169.17 Kbytes
Page   26 Pages
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Descripción Electrónicos A/D Converter (With 24-Channel Input at 10-bit Resolution)

MB88111 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MB88111 Datasheet PDF - Fujitsu Component Limited.

No. de pieza MB88111
Descarga  MB88111 Click to download

Tamaño del archivo   169.17 Kbytes
Page   26 Pages
Fabricante Electrónico  FUJITSU [Fujitsu Component Limited.]
Página de inicio  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Descripción Electrónicos A/D Converter (With 24-Channel Input at 10-bit Resolution)

MB88111 Datasheet (HTML) - Fujitsu Component Limited.

Back Button MB88111 Datasheet HTML 1Page - Fujitsu Component Limited. MB88111 Datasheet HTML 2Page - Fujitsu Component Limited. MB88111 Datasheet HTML 3Page - Fujitsu Component Limited. MB88111 Datasheet HTML 4Page - Fujitsu Component Limited. MB88111 Datasheet HTML 5Page - Fujitsu Component Limited. MB88111 Datasheet HTML 6Page - Fujitsu Component Limited. MB88111 Datasheet HTML 7Page - Fujitsu Component Limited. MB88111 Datasheet HTML 8Page - Fujitsu Component Limited. MB88111 Datasheet HTML 9Page - Fujitsu Component Limited. MB88111 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button 

MB88111 Detalles de producto

■ DESCRIPTION
The MB88111 is an analog-to-digital converter that converts its analog input to a 10-bit digital value and outputs it as serial data.
The MB88111 employs a successive approximation method for A/D conversion. It has 24 input channels to be A/D converted selectively by setting in an internal register.
Since the MB88111 can input and output 16-bit serial data in synchronization with the clock, it can be easily connected to the serial I/O port in a 16-bit microcontroller.

■ FEATURES
• 24-channel analog input
• RC-type successive approximation system with a sample-and-hole circuit
• 10-bit resolution
• Conversion speed within 50 µs (at a system clock rate of 1 MHz)
• Digitally converted data output from the MSB
• Digitally converted data output as 16-bit serial data
• Clock-synchronous serial transfer system
• Internal extended serial interface
• Capable of triggering A/D conversion through an external pin
• Capable of input through an 8-channel port
• Serial data output format selectable using an external pin
• 10-bit monotonicity
• No missing code
• Power supply voltage ranging from 3.5 to 5.5 V
• Operating temperature ranging from –40 to +50°C
• CMOS process
• Package options of 44-pin QFP and 48-pin SH-DIP




Número de pieza similar - MB88111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101A FUJITSU-MB88101A Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101AP FUJITSU-MB88101AP Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101AP FUJITSU-MB88101AP Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101APF FUJITSU-MB88101APF Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
More results


Descripción similar - MB88111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB88101A FUJITSU-MB88101A Datasheet
150Kb / 18P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
MB88101A FUJITSU-MB88101A_03 Datasheet
157Kb / 19P
   A/D Converter (With 4-channel Input at 12-bit Resolution)
logo
API Technologies Corp
MN3040 APITECH-MN3040 Datasheet
608Kb / 2P
   10-bit D/A Converter with Input Register
logo
List of Unclassifed Man...
MN3040 ETC1-MN3040 Datasheet
602Kb / 2P
   10-bit D/A Converter with Input Register
logo
Texas Instruments
TLV1543C TI1-TLV1543C_14 Datasheet
1Mb / 30P
[Old version datasheet]   3.3-V Supply Operation 10-Bit-Resolution A/D Converter
logo
Burr-Brown (TI)
ADC700 BURR-BROWN-ADC700 Datasheet
148Kb / 12P
   16-Bit Resolution With Microprocessor Interface A/D CONVERTER
logo
Fujitsu Component Limit...
MB40950 FUJITSU-MB40950 Datasheet
215Kb / 11P
   3-Channel 10-Bit D/A Converter
MB40730 FUJITSU-MB40730 Datasheet
406Kb / 16P
   1 CHANNEL 10-BIT D/A CONVERTER
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
logo
Cirrus Logic
CS4344 CIRRUS-CS4344 Datasheet
882Kb / 23P
   10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
More results




Acerca de Fujitsu Component Limited.


Fujitsu Components Limited es una subsidiaria de Fujitsu Limited, una compañía japonesa de tecnología de la información multinacional.
Fujitsu Components Limited se centra en el diseño, el desarrollo y la fabricación de componentes y dispositivos electrónicos.
La compañía ofrece una amplia gama de productos que incluyen dispositivos de almacenamiento de datos, módulos de comunicación inalámbrica y otros componentes electrónicos.
Fujitsu Components Limited tiene operaciones e instalaciones en varios países de Asia, Europa y América.
La compañía es conocida por su tecnología avanzada, productos de alta calidad y soluciones innovadoras en la industria electrónica.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com