Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Ralston Instruments. |
QTFT-FRS0
|
299Kb / 1P |
Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
|
QTFT-HNS0
|
298Kb / 1P |
Ideal for situations where frequent calibration of a DP transmitter using the bleeder port is required
|
Xilinx, Inc |
DS789
|
462Kb / 12P |
Connects as a 32-bit slave on AXI4-Lite Interface
|
Monolithic Power System... |
HF81
|
220Kb / 10P |
X Capacitor Bleeder
|
PHOENIX CONTACT |
2701195
|
62Kb / 3P |
Slot 1 option module. Connects the Nanoline controller to a Type A USB port. Functions as a serial device and requires special driver included on nanoNavigator CD.
|
Assmann Electronics Inc... |
DA-70159
|
263Kb / 2P |
Connects up to four serial devices simultaneously via USB-Port to a PC
|
Littelfuse |
P1553AALXX
|
144Kb / 5P |
The series provides a single port through-hole solution that enables voice
|
Assmann Electronics Inc... |
DA-70158
|
256Kb / 2P |
Connects up to two serial devices simultaneously via USB-Port to a PC
|
PHOENIX CONTACT |
0711014
|
64Kb / 4P |
Feed-through terminal block - VDFK 6-DP
|
0708616
|
97Kb / 6P |
Feed-through terminal block - DFK/DP-4
|