Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC08T14-13 Datasheet (PDF) - Diodes Incorporated

74AHC08T14-13 Datasheet PDF - Diodes Incorporated
No. de pieza 74AHC08T14-13
Descarga  74AHC08T14-13 Descarga

Tamaño del archivo   305.42 Kbytes
Page   8 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos QUADRUPLE 2-INPUT AND GATES

74AHC08T14-13 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74AHC08T14-13 Datasheet PDF - Diodes Incorporated

No. de pieza 74AHC08T14-13
Descarga  74AHC08T14-13 Click to download

Tamaño del archivo   305.42 Kbytes
Page   8 Pages
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Descripción Electrónicos QUADRUPLE 2-INPUT AND GATES

74AHC08T14-13 Datasheet (HTML) - Diodes Incorporated

74AHC08T14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHC08T14-13 Datasheet HTML 8Page - Diodes Incorporated

74AHC08T14-13 Detalles de producto

Description
The 74AHC08 provides provides four independent 2-input AND gates with standard push-pull outputs. The device is designed for operation with a power supply range of 2.0V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment.

Features
• Wide Supply Voltage Range from 2.0V to 5.5 V
• Outputs Sink or Source 8 mA at VCC = 4.5V
• CMOS Low Power Consumption
• Schmitt Trigger Action at All Inputs
• Inputs can be driven by 3.3V or 5.5V allowing for voltage translation applications.
• ESD Protection Exceeds JESD 22
    ▪ 200-V Machine Model (A115-A)
    ▪ 2000-V Human Body Model (A114-A)
    ▪ Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250mA per JESD 78, Class II
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• General Purpose Logic
• Wide array of products such as:
    ▪ PCs, Networking, Notebooks, Netbooks
    ▪ Computer Peripherals, Hard Drives, CD/DVD ROM
    ▪ TV, DVD, DVR, Set Top Box




Número de pieza similar - 74AHC08T14-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74AHC08T14 PHILIPS-74AHC08T14 Datasheet
73Kb / 16P
   Quad 2-input AND gate
1999 Sep 24
More results


Descripción similar - 74AHC08T14-13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
74HCT08 DIODES-74HCT08 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
logo
Aeroflex Circuit Techno...
UT54ACS08 AEROFLEX-UT54ACS08 Datasheet
219Kb / 9P
   Quadruple 2-Input AND Gates
logo
Diodes Incorporated
74HC08 DIODES-74HC08 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
74LV08A DIODES-74LV08A Datasheet
275Kb / 9P
   QUADRUPLE 2-INPUT AND GATES
74LVC08A DIODES-74LVC08A Datasheet
207Kb / 10P
   QUADRUPLE 2-INPUT AND GATES
logo
Aeroflex Circuit Techno...
UT54ACS08E AEROFLEX-UT54ACS08E Datasheet
127Kb / 10P
   Quadruple 2-Input AND Gates
logo
Diodes Incorporated
74AHCT08 DIODES-74AHCT08 Datasheet
287Kb / 8P
   QUADRUPLE 2-INPUT AND GATES
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results




Acerca de Diodes Incorporated


Diodos Incorporated es una empresa que cotiza en bolsa que diseña, fabrica y proporciona una amplia gama de semiconductores de señal mixtos, analógicos y de señal mixto y soluciones de energía completas.
La compañía fue fundada en 1964 y tiene su sede en Plano, Texas.
Opera a nivel mundial con centros de ventas, soporte y diseño en América del Norte, Europa y Asia.
Diodos Incorporated sirve a una variedad de industrias, que incluyen automotriz, comunicaciones, computación, consumidores e industriales.
La compañía ofrece una amplia gama de productos, incluidos diodos, rectificadores, transistores, reguladores de voltaje, MOSFET, conductores LED y dispositivos de protección, entre otros.
La misión de la compañía es proporcionar a los clientes productos de alta calidad y alta confiabilidad y un excelente servicio al cliente.
Con un enfoque en la innovación y la satisfacción del cliente, Diodos Incorporated se compromete a convertirse en un proveedor líder de soluciones de gestión de energía.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com