Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Littelfuse |
D2025
|
103Kb / 4P |
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
|
Vishay Siliconix |
VS-2N681
|
167Kb / 8P |
Phase Control Thyristor RMS SCRs, 25 A, 35 A
Revision: 19-Nov-15 |
VS-2N681
|
167Kb / 8P |
Phase Control Thyristor RMS SCRs, 25 A, 35 A
01-Jan-2022 |
ON Semiconductor |
2N5064G
|
124Kb / 8P |
SILICON CONTROLLED RECTIFIERS 0.8 A RMS, 30 ??200 V
September, 2011 ??Rev. 10 |
New Jersey Semi-Conduct... |
2N1909
|
131Kb / 1P |
High Power Silicon Controlled Rectifier 110 A RMS 25 to 1200 Volts
|
Littelfuse |
D8015L56
|
598Kb / 5P |
Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
|
Fluke Corporation |
353
|
485Kb / 3P |
True-rms 2000 A Clamp Meters
|
Nihon Inter Electronics... |
PHA15DW2RP
|
313Kb / 3P |
SSR - 240V 15/25A (RMS)
|
Digitron Semiconductors |
2N4212
|
124Kb / 2P |
SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
|
International Rectifier |
2N687
|
208Kb / 7P |
25 and 35 Amp RMS SCRs?
|