Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8191AASTZ-RL Datasheet (PDF) - Analog Devices

AD8191AASTZ-RL Datasheet PDF - Analog Devices
No. de pieza AD8191AASTZ-RL
Descarga  AD8191AASTZ-RL Descarga

Tamaño del archivo   837.79 Kbytes
Page   28 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos 4:1 HDMI/DVI Switch with Equalization

AD8191AASTZ-RL Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AD8191AASTZ-RL Datasheet PDF - Analog Devices

No. de pieza AD8191AASTZ-RL
Descarga  AD8191AASTZ-RL Click to download

Tamaño del archivo   837.79 Kbytes
Page   28 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos 4:1 HDMI/DVI Switch with Equalization

AD8191AASTZ-RL Datasheet (HTML) - Analog Devices

Back Button AD8191AASTZ-RL Datasheet HTML 1Page - Analog Devices AD8191AASTZ-RL Datasheet HTML 2Page - Analog Devices AD8191AASTZ-RL Datasheet HTML 3Page - Analog Devices AD8191AASTZ-RL Datasheet HTML 4Page - Analog Devices AD8191AASTZ-RL Datasheet HTML 5Page - Analog Devices AD8191AASTZ-RL Datasheet HTML 6Page - Analog Devices AD8191AASTZ-RL Datasheet HTML 7Page - Analog Devices AD8191AASTZ-RL Datasheet HTML 8Page - Analog Devices AD8191AASTZ-RL Datasheet HTML 9Page - Analog Devices AD8191AASTZ-RL Datasheet HTML 10Page - Analog Devices Next Button 

AD8191AASTZ-RL Detalles de producto

GENERAL DESCRIPTION
The AD8191A is an HDMI™/DVI switch featuring equalized TMDS® inputs and pre-emphasized TMDS outputs, ideal for systems with long cable runs. Outputs can be set to a high impedance state to reduce the power dissipation and/or to allow the construction of larger arrays using the wire-OR technique.
The AD8191A is provided in a 100-lead LQFP, Pb-free, surface mount package specified to operate over the −40°C to +85°C temperature range.

FEATURES
4 inputs, one output HDMI/DVI link
Pin-to-pin compatible with the AD8197A
   4 TMDS channels per link
      Supports 250 Mbps to 1.65 Gbps data rates
      Supports 25 MHz to 165 MHz pixel clocks
      Equalized inputs for operation with long HDMI cables(20 meters at 1080p)
      Fully buffered unidirectional inputs/outputs
      Globally switchable, 50 Ω on-chip terminations
      Pre-emphasized outputs
      Low added jitter
      Single-supply operation (3.3 V)
   4 auxiliary channels per link
      Bidirectional unbuffered inputs/outputs
      Flexible supply operation (3.3 V to 5 V)
      HDCP standard compatible
      Allows switching of DDC bus and 2 additional signals
Output disable feature
   Reduced power dissipation
   Removable output termination
   Allows building of larger arrays
Two AD8191As support HDMI/DVI dual link
Standards compatible: HDMI receiver, DVI, HDCP
Serial (I2C slave) and parallel control interface
100-lead, 14 mm × 14 mm LQFP, Pb-free package

APPLICATIONS
Multiple input displays
Projectors
A/V receivers
Set-top boxes
Advanced television (HDTV) sets




Número de pieza similar - AD8191AASTZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8191A AD-AD8191A Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191ASTZ AD-AD8191ASTZ Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191ASTZ-RL AD-AD8191ASTZ-RL Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Descripción similar - AD8191AASTZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191 Datasheet
975Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
More results




Acerca de Analog Devices


Analog Devices, Inc. (ADI) es una empresa que cotiza en bolsa que diseña, desarrolla y fabrica circuitos integrados (ICS) analógicos, de señal mixtos y digitales (DSP).
La compañía fue fundada en 1965 y tiene su sede en Norwood, Massachusetts.
ADI sirve una amplia gama de industrias, incluidas aeroespaciales y defensa, automotriz, comunicaciones, consumidores, industriales, médicos y pruebas y medidas.
La cartera de productos de la compañía incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y radiofrecuencia (RF) y componentes de microondas, entre otros.
ADI se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes soluciones confiables y de alta calidad para satisfacer sus necesidades.
Con un enfoque en la eficiencia energética y la sostenibilidad, ADI es un líder en la industria de IC analógicas y de señal mixta, impulsando los avances tecnológicos y proporcionando soluciones innovadoras a los problemas más desafiantes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com