Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VI-211-CY Datasheet (PDF) - Vicor Corporation

VI-211-CY Datasheet PDF - Vicor Corporation
No. de pieza VI-211-CY
Descarga  VI-211-CY Descarga

Tamaño del archivo   311.86 Kbytes
Page   6 Pages
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Descripción Electrónicos Remote sense and current limit

VI-211-CY Datasheet (PDF)

Go To PDF Page Descarga Datasheet
VI-211-CY Datasheet PDF - Vicor Corporation

No. de pieza VI-211-CY
Descarga  VI-211-CY Click to download

Tamaño del archivo   311.86 Kbytes
Page   6 Pages
Fabricante Electrónico  VICOR [Vicor Corporation]
Página de inicio  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Descripción Electrónicos Remote sense and current limit

VI-211-CY Datasheet (HTML) - Vicor Corporation

VI-211-CY Datasheet HTML 1Page - Vicor Corporation VI-211-CY Datasheet HTML 2Page - Vicor Corporation VI-211-CY Datasheet HTML 3Page - Vicor Corporation VI-211-CY Datasheet HTML 4Page - Vicor Corporation VI-211-CY Datasheet HTML 5Page - Vicor Corporation VI-211-CY Datasheet HTML 6Page - Vicor Corporation

VI-211-CY Detalles de producto

Product Highlights
The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching” component-level DC-DC converters.
Operating at frequencies up to 2 MHz, VI-200 family converters offer exceptional power density, efficiency, noise performance, reliability and ease of use. Booster modules (VI-Bxx) provide a simple, cost-effective, off-the-shelf solution for higher power output requirements. One or more boosters may be used to create synchronous arrays capable of supplying several kilowatts of output power.
The flexibility of Vicor’s power components is also available in half-size, half-power VI-J00 MiniMods.

Features
• RoHS compliant (VE-200)
• Up to 50 W/in3
• cULus, cTÜVus
• Up to 90% efficiency
• Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm)
• Remote sense and current limit
• OVP, thermal shutdown
• Logic disable
• Wide range output adjust
• Compatible power booster modules
• ZCS power architecture
• Low noise FM control
• CE Marked
• Isolated output




Número de pieza similar - VI-211-CY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerbox
VI-211-CW POWERBOX-VI-211-CW Datasheet
533Kb / 2P
   50 - 200W PCB MOUNTING COMPONENETS
VI-211-CX POWERBOX-VI-211-CX Datasheet
533Kb / 2P
   50 - 200W PCB MOUNTING COMPONENETS
More results


Descripción similar - VI-211-CY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vicor Corporation
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
   Remote sense and current limit
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
   Remote sense and current limit
logo
Maxim Integrated Produc...
MAX16913 MAXIM-MAX16913_V01 Datasheet
1Mb / 12P
   Remote Antenna Current-Sense Amplifier and Switches
2015
MAX16946 MAXIM-MAX16946_V01 Datasheet
1Mb / 20P
   Remote Antenna, Current-Sense and LDO/Switches
2014
MAX16946 MAXIM-MAX16946 Datasheet
2Mb / 21P
   Remote Antenna, Current-Sense and LDO/Switches
Rev 1 6/13
MAX16913 MAXIM-MAX16913 Datasheet
134Kb / 10P
   Remote Antenna Current-Sense Amplifier and Switches
Rev 0; 7/08
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
   Remote Sense
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
   Remote sense compensation
logo
Maxim Integrated Produc...
MAX16948 MAXIM-MAX16948 Datasheet
2Mb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 1; 4/12
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
   Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com