Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

E48SR3R320NRFA Datasheet (PDF) - Delta Electronics, Inc.

E48SR3R320NRFA Datasheet PDF - Delta Electronics, Inc.
No. de pieza E48SR3R320NRFA
Descarga  E48SR3R320NRFA Descarga

Tamaño del archivo   510.72 Kbytes
Page   15 Pages
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Descripción Electrónicos Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out

E48SR3R320NRFA Datasheet (PDF)

Go To PDF Page Descarga Datasheet
E48SR3R320NRFA Datasheet PDF - Delta Electronics, Inc.

No. de pieza E48SR3R320NRFA
Descarga  E48SR3R320NRFA Click to download

Tamaño del archivo   510.72 Kbytes
Page   15 Pages
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Descripción Electrónicos Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out

E48SR3R320NRFA Datasheet (HTML) - Delta Electronics, Inc.

Back Button E48SR3R320NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SR3R320NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SR3R320NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SR3R320NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SR3R320NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SR3R320NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SR3R320NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SR3R320NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SR3R320NRFA Datasheet HTML 9Page - Delta Electronics, Inc. E48SR3R320NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button 

E48SR3R320NRFA Detalles de producto

Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out

The Delphi Series E48SR Eighth Brick, 48V input, single output, isolated DC/DC converter is the latest offering from a world leader in power systems technology and manufacturing -- Delta Electronics, Inc. This product family provides up to 66 watts of power or 25A of output current (1.8V and below) in an industry standard footprint. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performances, as well as extremely high reliability under highly stressful operating conditions. All models are fully protected from abnormal input/output voltage, current, and temperature conditions. The Delphi Series converters meet all safety requirements with basic insulation.

FEATURES
♦ High Efficiency: 92% @ 12V/5A
♦ Size: 58.4mmx22.8mmx8.35mm (2.30”x0.90”x0.33”)
♦ Standard footprint
♦ Industry standard pin out
♦ Fixed frequency operation: 350KHz
♦ Input UVLO, Output OCP, OVP, OTP
♦ 2250V isolation and basic insulation
♦ No minimum load required
♦ 2:1 Input voltage range
♦ ISO 9001, TL 9000, ISO 14001, QS9000, OHSAS18001 certified manufacturing facility
♦ UL/cUL 60950 (US & Canada) recognized, and TUV (EN60950) certified
♦ CE mark meets 73/23/EEC and 93/68/EEC directive

APPLICATIONS
♦ Telecom/Datacom
♦ Wireless Networks
♦ Optical Network Equipment
♦ Server and Data Storage
♦ Industrial/Testing Equipment




Número de pieza similar - E48SR3R320NRFA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
874Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR3R320NRFA DELTA-E48SR3R320NRFA Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
More results


Descripción similar - E48SR3R320NRFA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Delta Electronics, Inc.
E48SR3R320 DELTA-E48SR3R320 Datasheet
791Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 3.3V/20A out
E48SR2R520 DELTA-E48SR2R520 Datasheet
779Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR2R520NRFA DELTA-E48SR2R520NRFA Datasheet
814Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 2.5V/20A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR1R825 DELTA-E48SR1R825 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.8V/25A out
E48SR15004 DELTA-E48SR15004 Datasheet
1Mb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 15V/4A out
E48SR1R525NRFA DELTA-E48SR1R525NRFA Datasheet
916Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.5V/25A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results




Acerca de Delta Electronics, Inc.


Delta Electronics, Inc. es una compañía de electrónica multinacional taiwanesa que fue fundada en 1971.
La compañía se especializa en energía electrónica de energía y soluciones de gestión de energía, que incluyen alimentos ininterrumpidos (UPS), reguladores de voltaje, inversores de energía, ventiladores DC sin escobillas y soluciones de energía renovable como inversores solares.
Delta Electronics opera a nivel mundial con una fuerte presencia en Asia, Europa y América del Norte.
La compañía proporciona soluciones para diversas industrias, incluidas las telecomunicaciones, centros de datos, automatización de edificios y energía renovable.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com