Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM93C06LZN Datasheet (PDF) - Fairchild Semiconductor

NM93C06LZN Datasheet PDF - Fairchild Semiconductor
No. de pieza NM93C06LZN
Descarga  NM93C06LZN Descarga

Tamaño del archivo   107.55 Kbytes
Page   13 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)

NM93C06LZN Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NM93C06LZN Datasheet PDF - Fairchild Semiconductor

No. de pieza NM93C06LZN
Descarga  NM93C06LZN Click to download

Tamaño del archivo   107.55 Kbytes
Page   13 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)

NM93C06LZN Datasheet (HTML) - Fairchild Semiconductor

Back Button NM93C06LZN Datasheet HTML 1Page - Fairchild Semiconductor NM93C06LZN Datasheet HTML 2Page - Fairchild Semiconductor NM93C06LZN Datasheet HTML 3Page - Fairchild Semiconductor NM93C06LZN Datasheet HTML 4Page - Fairchild Semiconductor NM93C06LZN Datasheet HTML 5Page - Fairchild Semiconductor NM93C06LZN Datasheet HTML 6Page - Fairchild Semiconductor NM93C06LZN Datasheet HTML 7Page - Fairchild Semiconductor NM93C06LZN Datasheet HTML 8Page - Fairchild Semiconductor NM93C06LZN Datasheet HTML 9Page - Fairchild Semiconductor NM93C06LZN Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

NM93C06LZN Detalles de producto

General Description
NM93C06 is a 256-bit CMOS non-volatile EEPROM organized as 16 x 16-bit array. This device features MICROWIRE interface which is a 4-wire serial bus with chipselect (CS), clock (SK), data input (DI) and data output (DO) signals. This interface is compatible to many of standard Microcontrollers and Microprocessors. There are 7 instructions implemented on the NM93C06 for various Read, Write, Erase, and Write Enable/Disable operations. This device is fabricated using Fairchild Semiconductor floating-gate CMOS process for high reliability, high endurance and low power consumption.

Features
■ Wide VCC 2.7V - 5.5V
■ Typical active current of 200µA
    10µA standby current typical
    1µA standby current typical (L)
    0.1µA standby current typical (LZ)
■ No Erase instruction required before Write instruction
■ Self timed write cycle
■ Device status during programming cycles
■ 40 year data retention
■ Endurance: 1,000,000 data changes
■ Packages available: 8-pin SO, 8-pin DIP, 8-pin TSSOP




Número de pieza similar - NM93C06LZN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
NM93C06LZN NSC-NM93C06LZN Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
More results


Descripción similar - NM93C06LZN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com