Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NM93C46 Datasheet (PDF) - Fairchild Semiconductor

NM93C46 Datasheet PDF - Fairchild Semiconductor
No. de pieza NM93C46
Descarga  NM93C46 Descarga

Tamaño del archivo   108.12 Kbytes
Page   13 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)

NM93C46 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
NM93C46 Datasheet PDF - Fairchild Semiconductor

No. de pieza NM93C46
Descarga  NM93C46 Click to download

Tamaño del archivo   108.12 Kbytes
Page   13 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)

NM93C46 Datasheet (HTML) - Fairchild Semiconductor

Back Button NM93C46 Datasheet HTML 1Page - Fairchild Semiconductor NM93C46 Datasheet HTML 2Page - Fairchild Semiconductor NM93C46 Datasheet HTML 3Page - Fairchild Semiconductor NM93C46 Datasheet HTML 4Page - Fairchild Semiconductor NM93C46 Datasheet HTML 5Page - Fairchild Semiconductor NM93C46 Datasheet HTML 6Page - Fairchild Semiconductor NM93C46 Datasheet HTML 7Page - Fairchild Semiconductor NM93C46 Datasheet HTML 8Page - Fairchild Semiconductor NM93C46 Datasheet HTML 9Page - Fairchild Semiconductor NM93C46 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

NM93C46 Detalles de producto

General Description
NM93C46 is a 1024-bit CMOS non-volatile EEPROM organized as 64 x 16-bit array. This device features MICROWIRE interface which is a 4-wire serial bus with chipselect (CS), clock (SK), data input (DI) and data output (DO) signals. This interface is compat ible to many of standard Microcontrollers and Microprocessors. There are 7 instructions implemented on the NM93C46 for various Read, Write, Erase, and Write Enable/Disable operations. This device is fabricated using Fairchild Semiconductor floating-gate CMOS process for high reliability, high endurance and low power consumption.
“LZ” and “L” versions of NM93C46 offer very low standby current making them suitable for low power applications. This device is offered in both SO and TSSOP packages for small space consid erations.

Features
■ Wide VCC 2.7V - 5.5V
■ Typical active current of 200µA
   10µA standby current typical
   1µA standby current typical (L)
   0.1µA standby current typical (LZ)
■ No Erase instruction required before Write instruction
■ Self timed write cycle
■ Device status during programming cycles
■ 40 year data retention
■ Endurance: 1,000,000 data changes
■ Packages available: 8-pin SO, 8-pin DIP, 8-pin TSSOP




Número de pieza similar - NM93C46

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
National Semiconductor ...
NM93C46LEM8 NSC-NM93C46LEM8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C46LEMT8 NSC-NM93C46LEMT8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C46LEN NSC-NM93C46LEN Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C46LM8 NSC-NM93C46LM8 Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
More results


Descripción similar - NM93C46

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com