Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9951YSVZ-REEL7 Datasheet (PDF) - Analog Devices

AD9951YSVZ-REEL7 Datasheet PDF - Analog Devices
No. de pieza AD9951YSVZ-REEL7
Descarga  AD9951YSVZ-REEL7 Descarga

Tamaño del archivo   480.31 Kbytes
Page   28 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos 400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer

AD9951YSVZ-REEL7 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AD9951YSVZ-REEL7 Datasheet PDF - Analog Devices

No. de pieza AD9951YSVZ-REEL7
Descarga  AD9951YSVZ-REEL7 Click to download

Tamaño del archivo   480.31 Kbytes
Page   28 Pages
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices
Descripción Electrónicos 400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer

AD9951YSVZ-REEL7 Datasheet (HTML) - Analog Devices

Back Button AD9951YSVZ-REEL7 Datasheet HTML 1Page - Analog Devices AD9951YSVZ-REEL7 Datasheet HTML 2Page - Analog Devices AD9951YSVZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9951YSVZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9951YSVZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9951YSVZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9951YSVZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9951YSVZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9951YSVZ-REEL7 Datasheet HTML 9Page - Analog Devices AD9951YSVZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD9951YSVZ-REEL7 Detalles de producto

GENERAL DESCRIPTION
The AD9951 is a direct digital synthesizer (DDS) featuring a 14-bit DAC operating up to 400 MSPS. The AD9951 uses advanced DDS technology, coupled with an internal high speed, high performance DAC to form a digitally programmable, complete high frequency synthesizer capable of generating a frequency-agile analog output sinusoidal waveform at up to 200 MHz. The AD9951 is designed to provide fast frequency hopping and fine tuning resolution (32-bit frequency tuning word). The frequency tuning and control words are loaded into the AD9951 via a serial I/O port.
The AD9951 is specified to operate over the extended industrial temperature range of –40°C to +105°C.

FEATURES
   400 MSPS internal clock speed
   Integrated 14-bit DAC
   32-bit tuning word
   Phase noise ≤ –120 dBc/Hz @ 1 kHz offset (DAC output)
   Excellent dynamic performance
      >80 dB SFDR @ 160 MHz (±100 kHz offset) AOUT
   Serial I/O control
   1.8 V power supply
   Software and hardware controlled power-down
   48-lead TQFP/EP package
   Support for 5 V input levels on most digital inputs
   PLL REFCLK multiplier (4× to 20×)
   Internal oscillator, can be driven by a single crystal
   Phase modulation capability
   Multichip synchronization

APPLICATIONS
   Agile LO frequency synthesis
   Programmable clock generators
   Test and measurement equipment
   Acousto-optic device drivers




Número de pieza similar - AD9951YSVZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9951YSV AD-AD9951YSV Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9951YSV-REEL7 AD-AD9951YSV-REEL7 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
More results


Descripción similar - AD9951YSVZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results




Acerca de Analog Devices


Analog Devices, Inc. (ADI) es una empresa que cotiza en bolsa que diseña, desarrolla y fabrica circuitos integrados (ICS) analógicos, de señal mixtos y digitales (DSP).
La compañía fue fundada en 1965 y tiene su sede en Norwood, Massachusetts.
ADI sirve una amplia gama de industrias, incluidas aeroespaciales y defensa, automotriz, comunicaciones, consumidores, industriales, médicos y pruebas y medidas.
La cartera de productos de la compañía incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y radiofrecuencia (RF) y componentes de microondas, entre otros.
ADI se dedica a la innovación y la satisfacción del cliente, y se compromete a proporcionar a sus clientes soluciones confiables y de alta calidad para satisfacer sus necesidades.
Con un enfoque en la eficiencia energética y la sostenibilidad, ADI es un líder en la industria de IC analógicas y de señal mixta, impulsando los avances tecnológicos y proporcionando soluciones innovadoras a los problemas más desafiantes del mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com