Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQPF50N06 Datasheet (PDF) - Fairchild Semiconductor

FQPF50N06 Datasheet PDF - Fairchild Semiconductor
No. de pieza FQPF50N06
Descarga  FQPF50N06 Descarga

Tamaño del archivo   630.28 Kbytes
Page   8 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 60V N-Channel MOSFET

FQPF50N06 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FQPF50N06 Datasheet PDF - Fairchild Semiconductor

No. de pieza FQPF50N06
Descarga  FQPF50N06 Click to download

Tamaño del archivo   630.28 Kbytes
Page   8 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos 60V N-Channel MOSFET

FQPF50N06 Datasheet (HTML) - Fairchild Semiconductor

FQPF50N06 Datasheet HTML 1Page - Fairchild Semiconductor FQPF50N06 Datasheet HTML 2Page - Fairchild Semiconductor FQPF50N06 Datasheet HTML 3Page - Fairchild Semiconductor FQPF50N06 Datasheet HTML 4Page - Fairchild Semiconductor FQPF50N06 Datasheet HTML 5Page - Fairchild Semiconductor FQPF50N06 Datasheet HTML 6Page - Fairchild Semiconductor FQPF50N06 Datasheet HTML 7Page - Fairchild Semiconductor FQPF50N06 Datasheet HTML 8Page - Fairchild Semiconductor

FQPF50N06 Detalles de producto

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for low voltage applications such as automotive, DC/DC converters, and high efficiency switching for power management in portable and battery operated products.

Features
• 31A, 60V, RDS(on) = 0.022Ω @VGS = 10 V
• Low gate charge ( typical 31 nC)
• Low Crss ( typical 65 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175°C maximum junction temperature rating




Número de pieza similar - FQPF50N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
664Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQPF50N06 TGS-FQPF50N06 Datasheet
138Kb / 1P
   60V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF50N06 ISC-FQPF50N06 Datasheet
315Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF50N06L FAIRCHILD-FQPF50N06L Datasheet
664Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF50N06L ISC-FQPF50N06L Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results


Descripción similar - FQPF50N06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com