Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAY16-393J4LF Datasheet (PDF) - Bourns Electronic Solutions

CAY16-393J4LF Datasheet PDF - Bourns Electronic Solutions
No. de pieza CAY16-393J4LF
Descarga  CAY16-393J4LF Descarga

Tamaño del archivo   535.24 Kbytes
Page   3 Pages
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Descripción Electrónicos Resistance range: 10 ohms to 1 megohm

CAY16-393J4LF Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CAY16-393J4LF Datasheet PDF - Bourns Electronic Solutions

No. de pieza CAY16-393J4LF
Descarga  CAY16-393J4LF Click to download

Tamaño del archivo   535.24 Kbytes
Page   3 Pages
Fabricante Electrónico  BOURNS [Bourns Electronic Solutions]
Página de inicio  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Descripción Electrónicos Resistance range: 10 ohms to 1 megohm

CAY16-393J4LF Datasheet (HTML) - Bourns Electronic Solutions

CAY16-393J4LF Datasheet HTML 1Page - Bourns Electronic Solutions CAY16-393J4LF Datasheet HTML 2Page - Bourns Electronic Solutions CAY16-393J4LF Datasheet HTML 3Page - Bourns Electronic Solutions



Número de pieza similar - CAY16-393J4LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CAY16-330J4LF BOURNS-CAY16-330J4LF Datasheet
495Kb / 4P
   CAT/CAY 16 Series - Chip Resistor Arrays
CAY16-330J8LF BOURNS-CAY16-330J8LF Datasheet
474Kb / 3P
   CAT/CAY 16 Series - Chip Resistor Arrays
More results


Descripción similar - CAY16-393J4LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
CAY16-103J4LF BOURNS-CAY16-103J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays Resistance range: 10 ohms to 1 megohm
logo
TT Electronics.
CGH TTELEC-CGH Datasheet
304Kb / 3P
   100K ohm to 2000 megohm range
PPW TTELEC-PPW Datasheet
280Kb / 2P
   resistance to or1 ohms to 5k ohms
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
   Contact Resistance : 10m-OHMS
K200102 E-SWITCH-K200102 Datasheet
33Kb / 1P
   Contact Resistance : 10m-OHMS
K200137 E-SWITCH-K200137 Datasheet
66Kb / 1P
   Contact Resistance : 10m-OHMS
K200139 E-SWITCH-K200139 Datasheet
66Kb / 1P
   Contact Resistance : 10m-OHMS
K100208 E-SWITCH-K100208 Datasheet
56Kb / 1P
   Contact Resistance : 10m-OHMS
K100209 E-SWITCH-K100209 Datasheet
62Kb / 1P
   Contact Resistance : 10m-OHMS
More results




Acerca de Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com