Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVTH273SJ Datasheet (PDF) - Fairchild Semiconductor

74LVTH273SJ Datasheet PDF - Fairchild Semiconductor
No. de pieza 74LVTH273SJ
Descarga  74LVTH273SJ Descarga

Tamaño del archivo   96.57 Kbytes
Page   7 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Low Voltage Octal D-Type Flip-Flop with Clear

74LVTH273SJ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74LVTH273SJ Datasheet PDF - Fairchild Semiconductor

No. de pieza 74LVTH273SJ
Descarga  74LVTH273SJ Click to download

Tamaño del archivo   96.57 Kbytes
Page   7 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Low Voltage Octal D-Type Flip-Flop with Clear

74LVTH273SJ Datasheet (HTML) - Fairchild Semiconductor

74LVTH273SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH273SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH273SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH273SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH273SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH273SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH273SJ Datasheet HTML 7Page - Fairchild Semiconductor

74LVTH273SJ Detalles de producto

General Description
The LVTH273 is a high-speed, low-power positive-edge triggered octal D-type flip-flop featuring separate D-type inputs for each flip-flop. A buffered Clock (CP) and Clear (CLR) are common to all flip-flops.
The state of each D-type input, one setup time before the positive clock transition, is transferred to the corresponding flip-flop’s output.
The LVTH273 data inputs include bushold, eliminating the need for external pull-up resistors to hold unused inputs. These octal flip-flops are designed for low-voltage (3.3V) VCC applications, but with the capability to provide a TTL interface to a 5V environment. The LVTH273 is fabricated with an advanced BiCMOS technology to achieve high speed operation similar to 5V ABT while maintaining low power dissipation.

Features
■ Input and output interface capability to systems at 5V VCC
■ Bushold on the data inputs eliminate the need for
   external pull-up resistors to hold unused inputs
■ Outputs source/sink -32 mA/+64 mA
■ Functionally compatible with the 74 series 273
■ Latch-up performance exceeds 500 mA
■ ESD performance:
   Human-body model > 2000V
   Machine model > 200V
   Charged-device model > 1000V




Número de pieza similar - 74LVTH273SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVTH2240 FAIRCHILD-74LVTH2240 Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH2240MTC FAIRCHILD-74LVTH2240MTC Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH2240MTCX FAIRCHILD-74LVTH2240MTCX Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74LVTH2240SJ FAIRCHILD-74LVTH2240SJ Datasheet
76Kb / 6P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs
74LVTH2240SJ FAIRCHILD-74LVTH2240SJ Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
More results


Descripción similar - 74LVTH273SJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com