Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVTH16652MTD Datasheet (PDF) - Fairchild Semiconductor

74LVTH16652MTD Datasheet PDF - Fairchild Semiconductor
No. de pieza 74LVTH16652MTD
Descarga  74LVTH16652MTD Descarga

Tamaño del archivo   87.85 Kbytes
Page   9 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs

74LVTH16652MTD Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74LVTH16652MTD Datasheet PDF - Fairchild Semiconductor

No. de pieza 74LVTH16652MTD
Descarga  74LVTH16652MTD Click to download

Tamaño del archivo   87.85 Kbytes
Page   9 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs

74LVTH16652MTD Datasheet (HTML) - Fairchild Semiconductor

74LVTH16652MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16652MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16652MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16652MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16652MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16652MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16652MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH16652MTD Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH16652MTD Datasheet HTML 9Page - Fairchild Semiconductor

74LVTH16652MTD Detalles de producto

General Description
The LVTH16652 consists of sixteen bus transceiver circuits with D-type flip-flops, and control circuitry arranged for multiplexed transmission of data directly from the input bus or from the internal registers. Each byte has separate control inputs which can be shorted together for full 16-bit operation. Data on the A or B bus will be clocked into the registers as the appropriate clock pin goes to the HIGH logic level. Output Enable pins (OEAB, OEBA) are provided to control the transceiver function (see Functional Description).

Features
■ Input and output interface capability to systems at 5V VCC
■ Bushold data inputs eliminate the need for external pull-up resistors to hold unused inputs
■ Live insertion/extraction permitted
■ Power Up/Down high impedance provides glitch-free bus loading
■ Outputs source/sink −32 mA/+64 mA
■ Functionally compatible with the 74 series 16652
■ Latch-up performance exceeds 500 mA




Número de pieza similar - 74LVTH16652MTD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVTH16652DGGRE4 TI-74LVTH16652DGGRE4 Datasheet
226Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74LVTH16652DGGRE4 TI-74LVTH16652DGGRE4 Datasheet
277Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74LVTH16652DLRG4 TI-74LVTH16652DLRG4 Datasheet
226Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74LVTH16652DLRG4 TI-74LVTH16652DLRG4 Datasheet
277Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Descripción similar - 74LVTH16652MTD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVTH16646 FAIRCHILD-74LVTH16646 Datasheet
89Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVT16646 FAIRCHILD-74LVT16646 Datasheet
91Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
74LVTH16646 ONSEMI-74LVTH16646 Datasheet
197Kb / 11P
   Low Voltage 16-Bit Transceiver/Register 3-STATE Outputs
Revised October 2001
logo
Fairchild Semiconductor
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
74ACT16646 FAIRCHILD-74ACT16646 Datasheet
61Kb / 6P
   16-Bit Transceiver/Register with 3-STATE Outputs
74LVT16245 FAIRCHILD-74LVT16245 Datasheet
76Kb / 8P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com