Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVT16245MEAX Datasheet (PDF) - Fairchild Semiconductor

74LVT16245MEAX Datasheet PDF - Fairchild Semiconductor
No. de pieza 74LVT16245MEAX
Descarga  74LVT16245MEAX Descarga

Tamaño del archivo   76.1 Kbytes
Page   8 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Low Voltage 16-Bit Transceiver with 3-STATE Outputs

74LVT16245MEAX Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74LVT16245MEAX Datasheet PDF - Fairchild Semiconductor

No. de pieza 74LVT16245MEAX
Descarga  74LVT16245MEAX Click to download

Tamaño del archivo   76.1 Kbytes
Page   8 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Low Voltage 16-Bit Transceiver with 3-STATE Outputs

74LVT16245MEAX Datasheet (HTML) - Fairchild Semiconductor

74LVT16245MEAX Datasheet HTML 1Page - Fairchild Semiconductor 74LVT16245MEAX Datasheet HTML 2Page - Fairchild Semiconductor 74LVT16245MEAX Datasheet HTML 3Page - Fairchild Semiconductor 74LVT16245MEAX Datasheet HTML 4Page - Fairchild Semiconductor 74LVT16245MEAX Datasheet HTML 5Page - Fairchild Semiconductor 74LVT16245MEAX Datasheet HTML 6Page - Fairchild Semiconductor 74LVT16245MEAX Datasheet HTML 7Page - Fairchild Semiconductor 74LVT16245MEAX Datasheet HTML 8Page - Fairchild Semiconductor

74LVT16245MEAX Detalles de producto

General Description
The LVT16245 and LVTH16245 contain sixteen non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. Each byte has separate control inputs which can be shorted together for full 16-bit operation. The T/R inputs determine the direction of data flow through the device. The OE inputs disable both the A and B ports by placing them in a high impedance state.
The LVTH16245 data inputs include bushold, eliminating the need for external pull-up resistors to hold unused inputs.
These non-inverting transceivers are designed for low-voltage (3.3V) VCC applications, but with the capability to provide a TTL interface to a 5V environment. The LVT16245 and LVTH16245 are fabricated with an advanced BiCMOS technology to achieve high speed operation similar to 5V ABT while maintaining low power dissipation.

Features
■ Input and output interface capability to systems at 5V VCC
■ Bushold data inputs eliminate the need for external
   pull-up resistors to hold unused inputs (74LVTH16245),
   also available without bushold feature (74LVT16245).
■ Live insertion/extraction permitted
■ Power Up/Down high impedance provides glitch-free bus loading
■ Outputs source/sink -32 mA/+64 mA
■ Functionally compatible with the 74 series 16245
■ Latch-up performance exceeds 500 mA
■ ESD performance:
   Human-body model > 2000V
   Machine model > 200V
   Charged-device > 1000V
■ Also packaged in plastic Fine-Pitch Ball Grid Array
   (FBGA) (Preliminary)




Número de pieza similar - 74LVT16245MEAX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74LVT16245ADGGRE4 TI-74LVT16245ADGGRE4 Datasheet
106Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVT16245ADGGRE4 TI1-74LVT16245ADGGRE4 Datasheet
289Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16245B PHILIPS-74LVT16245B Datasheet
78Kb / 10P
   3.3V ABT 16-bit transceiver 3-State
1998 Feb 19
74LVT16245B NXP-74LVT16245B Datasheet
182Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 07-29 March 2010
logo
Nexperia B.V. All right...
74LVT16245B NEXPERIA-74LVT16245B Datasheet
227Kb / 12P
   3.3 V 16-bit transceiver; 3-state
Rev. 12 - 12 August 2021
More results


Descripción similar - 74LVT16245MEAX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74LVTH16646 FAIRCHILD-74LVTH16646 Datasheet
89Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16652 FAIRCHILD-74LVTH16652 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVT16646 FAIRCHILD-74LVT16646 Datasheet
91Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16543 FAIRCHILD-74LVTH16543 Datasheet
74Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
74LVTH16952 FAIRCHILD-74LVTH16952 Datasheet
75Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVTH16646 ONSEMI-74LVTH16646 Datasheet
197Kb / 11P
   Low Voltage 16-Bit Transceiver/Register 3-STATE Outputs
Revised October 2001
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com