Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVC162835 Datasheet (PDF) - Fairchild Semiconductor

74ALVC162835 Datasheet PDF - Fairchild Semiconductor
No. de pieza 74ALVC162835
Descarga  74ALVC162835 Descarga

Tamaño del archivo   89.92 Kbytes
Page   7 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs

74ALVC162835 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
74ALVC162835 Datasheet PDF - Fairchild Semiconductor

No. de pieza 74ALVC162835
Descarga  74ALVC162835 Click to download

Tamaño del archivo   89.92 Kbytes
Page   7 Pages
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Descripción Electrónicos Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs

74ALVC162835 Datasheet (HTML) - Fairchild Semiconductor

74ALVC162835 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVC162835 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVC162835 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVC162835 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVC162835 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVC162835 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVC162835 Datasheet HTML 7Page - Fairchild Semiconductor

74ALVC162835 Detalles de producto

General Description
The ALVC162835 low voltage 18-bit universal bus driver combines D-type latches and D-type flip-flops to allow data flow in transparent, latched and clocked modes. The ALVC162835 is designed with 26Ω series resistors in the outputs. This design reduces noise in applications such as memory address drivers, clock drivers, and bus transceivers/transmitters. The 74ALVC162835 is designed for low voltage (1.65V to 3.6V) VCC applications with I/O capability up to 3.6V.The 74ALVC162835 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.

Features
■ Compatible with PC100 DIMM module specifications
■ 1.65V to 3.6V VCC specifications provided
■ 3.6V tolerant inputs and outputs
■ 26Ω series resistors in outputs
■ tPD (CLK to On)
   5.4 ns max for 3.0V to 3.6V VCC
   6.3 ns max for 2.3V to 2.7V VCC
   9.2 ns max for 1.65V to 1.95V VCC
■ Power-off high impedance inputs and outputs
■ Supports live insertion/withdrawal (Note 1)
■ Latchup conforms to JEDEC JED78
■ ESD performance:
   Human body model > 2000V
   Machine model >200V




Número de pieza similar - 74ALVC162835

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162835A NEXPERIA-74ALVC162835A Datasheet
201Kb / 15P
   18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
logo
NXP Semiconductors
74ALVC162835ADGG PHILIPS-74ALVC162835ADGG Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162835ADGG NEXPERIA-74ALVC162835ADGG Datasheet
201Kb / 15P
   18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
logo
Texas Instruments
74ALVC162835DGGRE4 TI-74ALVC162835DGGRE4 Datasheet
212Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Descripción similar - 74ALVC162835

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74ALVCF162835 FAIRCHILD-74ALVCF162835 Datasheet
106Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF162835 FAIRCHILD-74VCXF162835 Datasheet
74Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74VCXF16283_0011 FAIRCHILD-74VCXF16283_0011 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601_04 Datasheet
140Kb / 9P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74ALVCF322835 FAIRCHILD-74ALVCF322835 Datasheet
161Kb / 8P
   Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26??Series Resistors in Outputs
74ALVC16835 FAIRCHILD-74ALVC16835 Datasheet
88Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT Datasheet
450Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16835 FAIRCHILD-74VCX16835 Datasheet
98Kb / 10P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs and Outputs
More results




Acerca de Fairchild Semiconductor


Fairchild Semiconductor fue una compañía pionera de semiconductores que se fundó a fines de la década de 1950.
La compañía era conocida por su innovación en el desarrollo del primer transistor comercial y por sus contribuciones al avance de la tecnología de circuito integrado.
Fairchild se convirtió en un proveedor líder de semiconductores de energía, circuitos integrados analógicos y de señal mixta y otros productos de semiconductores.
La compañía fue adquirida por Semiconductor en 2016 y sus productos y tecnologías continúan desarrollándose y vendiendo bajo la marca On Semiconductor.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com