Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Littelfuse |
2PRO
|
762Kb / 6P |
The 2Pro product is an integrated overcurrent over-voltage protection device
|
Renesas Technology Corp |
R5F56108VNFP
|
1Mb / 85P |
The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
|
Allegro MicroSystems |
A5348
|
282Kb / 9P |
The A5348 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
|
Analog Devices |
CN-0283
|
466Kb / 6P |
Providing Fixed Power Gain at the Output of an IQ Modulator
REV. 0 |
Allegro MicroSystems |
A5367
|
281Kb / 10P |
The A5367 is a low-current, BiCMOS circuit providing all of the required features for an ionization-type smoke detector.
|
Texas Instruments |
DS92LV1212A
|
411Kb / 17P |
[Old version datasheet] The DS92LV 1212A is an upgrade of the DS92LV1212.
|
TEMEX |
ROX5252T1
|
430Kb / 2P |
The ROX5252T1 is providing an ultimate frequency stability versus all operational conditions
|
Allegro MicroSystems |
A6261
|
358Kb / 15P |
The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
|
A6262
|
359Kb / 15P |
The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
|
PHOENIX CONTACT |
2880150
|
64Kb / 5P |
Protection of all eight signal wires of the data cable
|