Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICX069AKB Datasheet (PDF) - Sony Corporation

ICX069AKB Datasheet PDF - Sony Corporation
No. de pieza ICX069AKB
Descarga  ICX069AKB Descarga

Tamaño del archivo   198.47 Kbytes
Page   17 Pages
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation
Descripción Electrónicos Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras

ICX069AKB Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ICX069AKB Datasheet PDF - Sony Corporation

No. de pieza ICX069AKB
Descarga  ICX069AKB Click to download

Tamaño del archivo   198.47 Kbytes
Page   17 Pages
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation
Descripción Electrónicos Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras

ICX069AKB Datasheet (HTML) - Sony Corporation

Back Button ICX069AKB Datasheet HTML 1Page - Sony Corporation ICX069AKB Datasheet HTML 2Page - Sony Corporation ICX069AKB Datasheet HTML 3Page - Sony Corporation ICX069AKB Datasheet HTML 4Page - Sony Corporation ICX069AKB Datasheet HTML 5Page - Sony Corporation ICX069AKB Datasheet HTML 6Page - Sony Corporation ICX069AKB Datasheet HTML 7Page - Sony Corporation ICX069AKB Datasheet HTML 8Page - Sony Corporation ICX069AKB Datasheet HTML 9Page - Sony Corporation ICX069AKB Datasheet HTML 10Page - Sony Corporation Next Button 

ICX069AKB Detalles de producto

Description
The ICX069AKB is an interline CCD solid-state image sensor suitable for PAL color video cameras. High resolution is achieved through the use of Ye, Cy, Mg, and G complementary color mosaic filters. At the same time, high sensitivity and low dark current are achieved through the adoption of HAD (HoleAccumulation Diode) sensors.
This chip features a field period readout system and an electronic shutter with variable charge-storage time.
Also, this outline is miniaturized by using original package.

Features
• Maximum package dimensions: φ8mm
• High resolution, high sensitivity and low dark current
• Horizontal register: 3.6 to 5.0V drive
• No voltage adjustment (Reset gate and substrate bias are not adjusted.)
• Low smear
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Ye, Cy, Mg, and G complementary color mosaic filters on chip




Número de pieza similar - ICX069AKB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
ICX069AKB SONY-ICX069AKB Datasheet
195Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results


Descripción similar - ICX069AKB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
ICX087AKB SONY-ICX087AKB Datasheet
189Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX089AK SONY-ICX089AK Datasheet
262Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX227AK SONY-ICX227AK Datasheet
258Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX207AK SONY-ICX207AK Datasheet
229Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX229AK SONY-ICX229AK Datasheet
260Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AK SONY-ICX069AK Datasheet
233Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AKB SONY-ICX209AKB Datasheet
195Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX279AK SONY-ICX279AK Datasheet
204Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AK SONY-ICX209AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX087AK SONY-ICX087AK Datasheet
223Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com