Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXD1961AQ Datasheet (PDF) - Sony Corporation

CXD1961AQ Datasheet PDF - Sony Corporation
No. de pieza CXD1961AQ
Descarga  CXD1961AQ Descarga

Tamaño del archivo   294.78 Kbytes
Page   33 Pages
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation
Descripción Electrónicos DVB-S Frontend IC (QPSK demodulation FEC)

CXD1961AQ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CXD1961AQ Datasheet PDF - Sony Corporation

No. de pieza CXD1961AQ
Descarga  CXD1961AQ Click to download

Tamaño del archivo   294.78 Kbytes
Page   33 Pages
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation
Descripción Electrónicos DVB-S Frontend IC (QPSK demodulation FEC)

CXD1961AQ Datasheet (HTML) - Sony Corporation

Back Button CXD1961AQ Datasheet HTML 1Page - Sony Corporation CXD1961AQ Datasheet HTML 2Page - Sony Corporation CXD1961AQ Datasheet HTML 3Page - Sony Corporation CXD1961AQ Datasheet HTML 4Page - Sony Corporation CXD1961AQ Datasheet HTML 5Page - Sony Corporation CXD1961AQ Datasheet HTML 6Page - Sony Corporation CXD1961AQ Datasheet HTML 7Page - Sony Corporation CXD1961AQ Datasheet HTML 8Page - Sony Corporation CXD1961AQ Datasheet HTML 9Page - Sony Corporation CXD1961AQ Datasheet HTML 10Page - Sony Corporation Next Button 

CXD1961AQ Detalles de producto

Description
The CXD1961AQ is a single chip DVB compliant Satellite Broadcasting Frontend IC, including dual A/D converter for analog baseband I/Q input, QPSK demodulator, Viterbi decoder Reed-Solomon decoder and Energy Dispersal descrambler. It is suitable for use in a DVB Integrated Receiver Decoder.

Features
• Dual 6 bit A/D converter
• QPSK demodulator
    Multi-symbol rate operation
    Nyquist Roll off filter (α = 0.35)
    Clock recovery circuit
    Carrier recovery circuit
    AGC control (PWM output)
• Viterbi decoder
    Constraint length 7
    Truncation length 144
    BER monitor of QPSK demodulator output
• Frame synchronization circuit
• Convolutional de-interleaver
• Reed-Solomon decoder (204,188) BER monitor of Viterbi decoder output
• Energy dispersal descrambler
• CPU interface circuit I2C bus interface (5V input capability)
• Package QFP 100pin
• Operating frequency 20 to 30MSPS
• Power consumption 750mW (@3.3V 30MSPS typical)
• Process 0.4µm CMOS Technology

Application
    DVB-S Set Top Box (Satellite)




Número de pieza similar - CXD1961AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
   DVB-S Front-end IC (QPSK demodulator FEC)
More results


Descripción similar - CXD1961AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
   DVB-S Front-end IC (QPSK demodulator FEC)
logo
STMicroelectronics
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
   QPSK/BPSK DEMODULATOR AND FEC IC
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Sanyo Semicon Device
LC7851E SANYO-LC7851E Datasheet
166Kb / 9P
   QPSK Demodulation and Audio Signal-Processing IC for Satellite Broadcast Reception
logo
STMicroelectronics
STV0288 STMICROELECTRONICS-STV0288 Datasheet
196Kb / 3P
   DVB-S and DIRECTV QPSK receiver with autoscan feature
logo
Sanyo Semicon Device
LC72723 SANYO-LC72723 Datasheet
114Kb / 8P
   RDS Demodulation IC
logo
ON Semiconductor
LC72725KVS ONSEMI-LC72725KVS Datasheet
90Kb / 9P
   RDS(RBDS) Demodulation IC
June, 2013
logo
Sanyo Semicon Device
LC72725KM SANYO-LC72725KM_10 Datasheet
93Kb / 9P
   RDS(RBDS) Demodulation IC
LC72725KM SANYO-LC72725KM Datasheet
176Kb / 9P
   CMOS IC RDS(RBDS) Demodulation IC
LC72725KMA SANYO-LC72725KMA Datasheet
88Kb / 9P
   RDS(RBDS) Demodulation IC
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com