Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST39LF040-90-4I-NH Datasheet (PDF) - Silicon Storage Technology, Inc

SST39LF040-90-4I-NH Datasheet PDF - Silicon Storage Technology, Inc
No. de pieza SST39LF040-90-4I-NH
Descarga  SST39LF040-90-4I-NH Descarga

Tamaño del archivo   284.32 Kbytes
Page   24 Pages
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Descripción Electrónicos 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash

SST39LF040-90-4I-NH Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SST39LF040-90-4I-NH Datasheet PDF - Silicon Storage Technology, Inc

No. de pieza SST39LF040-90-4I-NH
Descarga  SST39LF040-90-4I-NH Click to download

Tamaño del archivo   284.32 Kbytes
Page   24 Pages
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Descripción Electrónicos 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash

SST39LF040-90-4I-NH Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST39LF040-90-4I-NH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39LF040-90-4I-NH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39LF040-90-4I-NH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39LF040-90-4I-NH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39LF040-90-4I-NH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39LF040-90-4I-NH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39LF040-90-4I-NH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF040-90-4I-NH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF040-90-4I-NH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39LF040-90-4I-NH Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST39LF040-90-4I-NH Detalles de producto

PRODUCT DESCRIPTION
The SST39LF512, SST39LF010,SST39LF020, SST39LF040 and SST39VF512, SST39VF010,SST39VF020, SST39VF040 are 64K x8, 128K x8, 256K x8 and 5124K x8 CMOS Multi-Purpose Flash (MPF) manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39LF512/010/020/040 devices write (Program or Erase) with a 3.0-3.6V power supply. The SST39VF512/010/020/040 devices write with a 2.7-3.6V power supply. The devices conform to JEDEC standard pinouts for x8 memories.

FEATURES:
• Organized as 64K x8 / 128K x8 / 256K x8 / 512K x8
• Single Voltage Read and Write Operations
– 3.0-3.6V for SST39LF512/010/020/040
– 2.7-3.6V for SST39VF512/010/020/040
• Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
• Low Power Consumption(typical values at 14 MHz)
– Active Current: 5 mA (typical)
– Standby Current: 1 µA (typical)
• Sector-Erase Capability
– Uniform 4 KByte sectors
• Fast Read Access Time:
– 45 ns for SST39LF512/010/020/040
– 55 ns for SST39LF020/040
– 70 ns for SST39VF512/010/020/040
• Latched Address and Data
• Fast Erase and Byte-Program:
– Sector-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time:
  1 second (typical) for SST39LF/VF512
  2 seconds (typical) for SST39LF/VF010
  4 seconds (typical) for SST39LF/VF020
  8 seconds (typical) for SST39LF/VF040
• Automatic Write Timing
– Internal VPPGeneration
• End-of-Write Detection
– Toggle Bit
– Data# Polling
• CMOS I/O Compatibility
• JEDEC Standard
– Flash EEPROM Pinouts and command sets
• Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
– 48-ball TFBGA (6mm x 8mm)
– 34-ball WFBGA (4mm x 6mm) for 1M and 2M
• All devices are RoHS compliant




Número de pieza similar - SST39LF040-90-4I-NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST39LF040-45-4C-B3HE SST-SST39LF040-45-4C-B3HE Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF040-45-4C-B3KE SST-SST39LF040-45-4C-B3KE Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF040-45-4C-B3KE SST-SST39LF040-45-4C-B3KE Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF040-45-4C-B3ME SST-SST39LF040-45-4C-B3ME Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF040-45-4C-MHE SST-SST39LF040-45-4C-MHE Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results


Descripción similar - SST39LF040-90-4I-NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512_03 Datasheet
340Kb / 22P
   512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results




Acerca de Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) era una empresa de tecnología estadounidense especializada en el diseño y fabricación de soluciones de memoria no volátiles, incluidas la memoria flash y los microcontroladores.
La compañía fue fundada en 1991 y tenía su sede en Sunnyvale, California.
SST era conocido por su tecnología innovadora y productos de alta calidad, y tenía una fuerte reputación en la industria de la memoria y el almacenamiento.
En 2010, SST fue adquirido por Microchip Technology Inc., un proveedor líder de microcontroladores y semiconductores analógicos.
Hoy, SST opera como una subsidiaria de Microchip y continúa proporcionando soluciones de memoria no volátiles para una variedad de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com