Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST89V554RC-25-C-TQJ Datasheet (PDF) - Silicon Storage Technology, Inc

SST89V554RC-25-C-TQJ Datasheet PDF - Silicon Storage Technology, Inc
No. de pieza SST89V554RC-25-C-TQJ
Descarga  SST89V554RC-25-C-TQJ Descarga

Tamaño del archivo   680.49 Kbytes
Page   62 Pages
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Descripción Electrónicos FlashFlex51 MCU

SST89V554RC-25-C-TQJ Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SST89V554RC-25-C-TQJ Datasheet PDF - Silicon Storage Technology, Inc

No. de pieza SST89V554RC-25-C-TQJ
Descarga  SST89V554RC-25-C-TQJ Click to download

Tamaño del archivo   680.49 Kbytes
Page   62 Pages
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Descripción Electrónicos FlashFlex51 MCU

SST89V554RC-25-C-TQJ Datasheet (HTML) - Silicon Storage Technology, Inc

Back Button SST89V554RC-25-C-TQJ Datasheet HTML 1Page - Silicon Storage Technology, Inc SST89V554RC-25-C-TQJ Datasheet HTML 2Page - Silicon Storage Technology, Inc SST89V554RC-25-C-TQJ Datasheet HTML 3Page - Silicon Storage Technology, Inc SST89V554RC-25-C-TQJ Datasheet HTML 4Page - Silicon Storage Technology, Inc SST89V554RC-25-C-TQJ Datasheet HTML 5Page - Silicon Storage Technology, Inc SST89V554RC-25-C-TQJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89V554RC-25-C-TQJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89V554RC-25-C-TQJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89V554RC-25-C-TQJ Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89V554RC-25-C-TQJ Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button 

SST89V554RC-25-C-TQJ Detalles de producto

PRODUCT DESCRIPTION
SST89E564RD, SST89V564RD, SST89E554RC, and SST89V554RC are members of the FlashFlex51 family of 8-bit microcontrollers. The FlashFlex51 is a family of microcontroller products designed and manufactured on the state-ofthe-art SuperFlash CMOS semiconductor process technology. The device uses the same powerful instruction set and is pin-for-pin compatible with standard 8xC5x microcontroller devices.

FEATURES:
• 8-bit 8051 Family Compatible Microcontroller (MCU) with Embedded SuperFlash Memory
• SST89E564RD/SST89E554RC is 5V Operation
    – 0 to 40 MHz Operation at 5V
• SST89V564RD/SST89V554RC is 3V Operation
    – 0 to 25 MHz Operation at 3V
• Fully Software and Development Toolset Compatible as well as Pin-For-Pin Package Compatible with Standard 8xC5x Microcontrollers
• 1 KByte Register/Data RAM
• Dual Block SuperFlash EEPROM
    – SST89E564RD/SST89V564RD: 64 KByte primary block + 8 KByte secondary block (128-Byte sector size)
    – SST89E554RC/SST89V554RC: 32 KByte primary block + 8 KByte secondary block (128-Byte sector size)
    – Individual Block Security Lock
    – Concurrent Operation during In-Application Programming (IAP)
    – Block Address Re-mapping
• Support External Address Range up to 64 KByte of Program and Data Memory
• Three High-Current Drive Pins (16 mA each)
• Three 16-bit Timers/Counters
• Full-Duplex Enhanced UART
    – Framing error detection
    – Automatic address recognition
• Nine Interrupt Sources at 4 Priority Levels
• Watchdog Timer (WDT)
• Programmable Counter Array (PCA)
• Four 8-bit I/O Ports (32 I/O Pins)
• Second DPTR register
• Reduce EMI Mode (Inhibit ALE through AUXR SFR)
• SPI Serial Interface
• TTL- and CMOS-Compatible Logic Levels
• Brown-out Detection
• Extended Power-Saving Modes
    – Idle Mode
    – Power Down Mode with External Interrupt Wake-up
    – Standby (Stop Clock) Mode
• PDIP-40, PLCC-44 and TQFP-44 Packages
• Temperature Ranges:
    – Commercial (0°C to +70°C)
    – Industrial (-40°C to +85°C)




Número de pieza similar - SST89V554RC-25-C-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89V554RC-33-C-NI SST-SST89V554RC-33-C-NI Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89V554RC-33-C-NJ SST-SST89V554RC-33-C-NJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89V554RC-33-C-PI SST-SST89V554RC-33-C-PI Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89V554RC-33-C-PJ SST-SST89V554RC-33-C-PJ Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89V554RC-33-C-TQI SST-SST89V554RC-33-C-TQI Datasheet
1Mb / 86P
   FlashFlex51 MCU
More results


Descripción similar - SST89V554RC-25-C-TQJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89C54 SST-SST89C54 Datasheet
413Kb / 50P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results




Acerca de Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) era una empresa de tecnología estadounidense especializada en el diseño y fabricación de soluciones de memoria no volátiles, incluidas la memoria flash y los microcontroladores.
La compañía fue fundada en 1991 y tenía su sede en Sunnyvale, California.
SST era conocido por su tecnología innovadora y productos de alta calidad, y tenía una fuerte reputación en la industria de la memoria y el almacenamiento.
En 2010, SST fue adquirido por Microchip Technology Inc., un proveedor líder de microcontroladores y semiconductores analógicos.
Hoy, SST opera como una subsidiaria de Microchip y continúa proporcionando soluciones de memoria no volátiles para una variedad de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com