Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6267A Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

1N6267A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
No. de pieza 1N6267A
Descarga  1N6267A Descarga

Tamaño del archivo   191.38 Kbytes
Page   4 Pages
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Descripción Electrónicos BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W

1N6267A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1N6267A Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza 1N6267A
Descarga  1N6267A Click to download

Tamaño del archivo   191.38 Kbytes
Page   4 Pages
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Descripción Electrónicos BREAKDOWN VOLTAGE: 6.8 --- 200V PEAK PULSE POWER: 1500 W

1N6267A Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

1N6267A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N6267A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N6267A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N6267A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd

1N6267A Detalles de producto

Features
◇ Plastic package has Underwriters Laboratory Flammability Classification 94V-0
◇ 1500W surge capability at 10 x 1000 us waveform
◇ Excellent clamping capability
◇ Low Dynamic impedance
◇ Fast response time: Typically less than 1.0ps from 0 volts to VBR for unidirectional and 5.0 ns for bidirectional
◇ Typical IR less than 1uA above 10V
◇ High temperature soldering guaranteed: 260°C / 10 seconds / .375”,(9.5mm) lead length / 5lbs.,(2.3kg) tension




Número de pieza similar - 1N6267A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
1N6267A TRSYS-1N6267A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
1N6267A FS-1N6267A Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
ON Semiconductor
1N6267A ONSEMI-1N6267A Datasheet
77Kb / 7P
   1500 Watt Mosorb TM Zener Transient Voltage Suppressors
February, 2007 ??Rev. 8
logo
Vishay Siliconix
1N6267A VISHAY-1N6267A Datasheet
102Kb / 6P
   TransZorb® Transient Voltage Suppressors
Revision: 22-Nov-11
logo
Dc Components
1N6267A DCCOM-1N6267A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results


Descripción similar - 1N6267A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-CMOS Corporation
5KP E-CMOS-5KP Datasheet
372Kb / 5P
   Breakdown Voltage: 6.8 to 440 V Peak Pulse Power: 5000 W
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1.5KE6.8 GOOD-ARK-1.5KE6.8 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
WILLAS ELECTRONIC CORP
1.5KE WILLAS-1.5KE Datasheet
670Kb / 4P
   REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
logo
GOOD-ARK Electronics
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com