Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM67H618AFN10 Datasheet (PDF) - Motorola, Inc

MCM67H618AFN10 Datasheet PDF - Motorola, Inc
No. de pieza MCM67H618AFN10
Descarga  MCM67H618AFN10 Descarga

Tamaño del archivo   208.9 Kbytes
Page   12 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 64K x 18 Bit BurstRAM Synchronous Fast Static RAM

MCM67H618AFN10 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MCM67H618AFN10 Datasheet PDF - Motorola, Inc

No. de pieza MCM67H618AFN10
Descarga  MCM67H618AFN10 Click to download

Tamaño del archivo   208.9 Kbytes
Page   12 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 64K x 18 Bit BurstRAM Synchronous Fast Static RAM

MCM67H618AFN10 Datasheet (HTML) - Motorola, Inc

Back Button MCM67H618AFN10 Datasheet HTML 1Page - Motorola, Inc MCM67H618AFN10 Datasheet HTML 2Page - Motorola, Inc MCM67H618AFN10 Datasheet HTML 3Page - Motorola, Inc MCM67H618AFN10 Datasheet HTML 4Page - Motorola, Inc MCM67H618AFN10 Datasheet HTML 5Page - Motorola, Inc MCM67H618AFN10 Datasheet HTML 6Page - Motorola, Inc MCM67H618AFN10 Datasheet HTML 7Page - Motorola, Inc MCM67H618AFN10 Datasheet HTML 8Page - Motorola, Inc MCM67H618AFN10 Datasheet HTML 9Page - Motorola, Inc MCM67H618AFN10 Datasheet HTML 10Page - Motorola, Inc Next Button 

MCM67H618AFN10 Detalles de producto

64K x 18 Bit BurstRAM Synchronous Fast Static RAM
With Burst Counter and Self–Timed Write

The MCM67H618A is a 1,179,648 bit synchronous fast static random access memory designed to provide a burstable, high–performance, secondary cache for the i486 and Pentium microprocessors. It is organized as 65,536 words of 18 bits, fabricated with Motorola’s high–performance silicon–gate BiCMOS technology. The device integrates input registers, a 2–bit counter, high speed SRAM, and high drive capability outputs onto a single monolithic circuit for reduced parts count implementation of cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K). BiCMOS circuitry reduces the overall power consumption of the integrated functions for greater reliability.
This device is ideally suited for systems that require wide data bus widths and cache memory. See Figure 2 for applications information.

• Single 5 V ± 5% Power Supply
• Fast Access Times: 9/10/12 ns Max
• Byte Writeable via Dual Write Enables
• Internal Input Registers (Address, Data, Control)
• Internally Self–Timed Write Cycle
• ADSP, ADSC, and ADV Burst Control Pins
• Asynchronous Output Enable Controlled Three–State Outputs
• Common Data Inputs and Data Outputs
• 3.3 V I/O Compatible
• High Board Density 52–Lead PLCC Package
• ADSP Disabled with Chip Enable (E) – Supports Address Pipelining




Número de pieza similar - MCM67H618AFN10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618BFN10 MOTOROLA-MCM67H618BFN10 Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618BFN12 MOTOROLA-MCM67H618BFN12 Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618BFN9 MOTOROLA-MCM67H618BFN9 Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Descripción similar - MCM67H618AFN10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B618A MOTOROLA-MCM67B618A Datasheet
155Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results




Acerca de Motorola, Inc


Motorola, Inc. era una compañía de telecomunicaciones multinacional estadounidense que fue fundada en 1928. Tenía su sede en Schaumburg, Illinois y fue uno de los mayores proveedores de teléfonos móviles, equipos de telecomunicaciones y semiconductores. A lo largo de su historia, Motorola fue conocida por su innovación en el campo de las telecomunicaciones, incluido el desarrollo del primer teléfono celular disponible comercialmente, el Dynatac y el primer buscapersonas de dos vías del mundo, el Pageboy.

En 2011, Motorola se dividió en dos compañías separadas: Motorola Mobility y Motorola Solutions. Google luego adquirió la movilidad de Motorola en Google en 2012, y ahora es una subsidiaria de Lenovo. Motorola Solutions se centra en la seguridad pública y las soluciones de comunicación comercial e industrial. La compañía proporciona una amplia gama de productos que incluyen radios bidireccionales, dispositivos de computación móvil y equipos de infraestructura de red.

Motorola fue uno de los pioneros de la industria de los teléfonos móviles y tiene una rica historia de innovación y avances tecnológicos. El legado de la compañía continúa a través de sus subsidiarias y sus tecnología y productos continúan utilizándose en todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com