Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCM67A518FN10 Datasheet (PDF) - Motorola, Inc

MCM67A518FN10 Datasheet PDF - Motorola, Inc
No. de pieza MCM67A518FN10
Descarga  MCM67A518FN10 Descarga

Tamaño del archivo   191.11 Kbytes
Page   12 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 32K x 18 Bit Asynchronous/Latched Address Fast Static RAM

MCM67A518FN10 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MCM67A518FN10 Datasheet PDF - Motorola, Inc

No. de pieza MCM67A518FN10
Descarga  MCM67A518FN10 Click to download

Tamaño del archivo   191.11 Kbytes
Page   12 Pages
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Descripción Electrónicos 32K x 18 Bit Asynchronous/Latched Address Fast Static RAM

MCM67A518FN10 Datasheet (HTML) - Motorola, Inc

Back Button MCM67A518FN10 Datasheet HTML 1Page - Motorola, Inc MCM67A518FN10 Datasheet HTML 2Page - Motorola, Inc MCM67A518FN10 Datasheet HTML 3Page - Motorola, Inc MCM67A518FN10 Datasheet HTML 4Page - Motorola, Inc MCM67A518FN10 Datasheet HTML 5Page - Motorola, Inc MCM67A518FN10 Datasheet HTML 6Page - Motorola, Inc MCM67A518FN10 Datasheet HTML 7Page - Motorola, Inc MCM67A518FN10 Datasheet HTML 8Page - Motorola, Inc MCM67A518FN10 Datasheet HTML 9Page - Motorola, Inc MCM67A518FN10 Datasheet HTML 10Page - Motorola, Inc Next Button 

MCM67A518FN10 Detalles de producto

32K x 18 Bit Asynchronous/Latched Address Fast Static RAM

The MCM67A518 is a 589,824 bit latched address static random access memory organized as 32,768 words of 18 bits, fabricated with Motorola’s high–performance silicon–gate BiCMOS technology. The device integrates a 32K x 18 SRAM core with advanced peripheral circuitry consisting of address and data input latches, active low chip enable, separate upper and lower byte write strobes, and a fast output enable. This device has increased output drive capability supported by multiple power pins.
Additional power supply pins have been utilized and placed on the package for maximum performance.
The MCM67A518 will be available in a 52–pin plastic leaded chip carrier (PLCC).
This device is ideally suited for systems which require wide data bus widths, cache memory, and tag RAMs.

• Single 5 V ± 10% Power Supply
• Fast Access Times: 10/12/15 ns Max
• Byte Writeable via Dual Write Enables
• Separate Data Input Latch for Simplified Write Cycles
• Address and Chip Enable Input Latches
• Common Data Inputs and Data Outputs
• Output Enable Controlled Three–State Outputs
• 3.3 V I/O Compatible
• High Board Density 52–Lead PLCC Package




Número de pieza similar - MCM67A518FN10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM67A618 MOTOROLA-MCM67A618 Datasheet
202Kb / 12P
   64K x 18 Bit Asychronous/Latched Address Fast Static RAM
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618BFN10 MOTOROLA-MCM67A618BFN10 Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618BFN12 MOTOROLA-MCM67A618BFN12 Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618BFN15 MOTOROLA-MCM67A618BFN15 Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
More results


Descripción similar - MCM67A518FN10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCM67A618B MOTOROLA-MCM67A618B Datasheet
141Kb / 12P
   64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
MCM67A618 MOTOROLA-MCM67A618 Datasheet
202Kb / 12P
   64K x 18 Bit Asychronous/Latched Address Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM6206BB MOTOROLA-MCM6206BB Datasheet
108Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
MCM6206D MOTOROLA-MCM6206D Datasheet
162Kb / 8P
   32K x 8 Bit Fast Static RAM
More results




Acerca de Motorola, Inc


Motorola, Inc. era una compañía de telecomunicaciones multinacional estadounidense que fue fundada en 1928. Tenía su sede en Schaumburg, Illinois y fue uno de los mayores proveedores de teléfonos móviles, equipos de telecomunicaciones y semiconductores. A lo largo de su historia, Motorola fue conocida por su innovación en el campo de las telecomunicaciones, incluido el desarrollo del primer teléfono celular disponible comercialmente, el Dynatac y el primer buscapersonas de dos vías del mundo, el Pageboy.

En 2011, Motorola se dividió en dos compañías separadas: Motorola Mobility y Motorola Solutions. Google luego adquirió la movilidad de Motorola en Google en 2012, y ahora es una subsidiaria de Lenovo. Motorola Solutions se centra en la seguridad pública y las soluciones de comunicación comercial e industrial. La compañía proporciona una amplia gama de productos que incluyen radios bidireccionales, dispositivos de computación móvil y equipos de infraestructura de red.

Motorola fue uno de los pioneros de la industria de los teléfonos móviles y tiene una rica historia de innovación y avances tecnológicos. El legado de la compañía continúa a través de sus subsidiarias y sus tecnología y productos continúan utilizándose en todo el mundo.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com